Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 61Page - STMicroelectronics STMPE24M31 Datasheet HTML 62Page - STMicroelectronics STMPE24M31 Datasheet HTML 63Page - STMicroelectronics STMPE24M31 Datasheet HTML 64Page - STMicroelectronics STMPE24M31 Datasheet HTML 65Page - STMicroelectronics STMPE24M31 Datasheet HTML 66Page - STMicroelectronics STMPE24M31 Datasheet HTML 67Page - STMicroelectronics STMPE24M31 Datasheet HTML 68Page - STMicroelectronics STMPE24M31 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
STMPE16M31, STMPE24M31
Touch sensor controller
Doc ID 16174 Rev 4
65/85
RATIO_ENG_DATA_n (production silicon)
Ratio engine -1, -2 data register
Address:
0x84-0x86, 0x87-0x89
Type:
R
Reset:
0x0000
Description:
Position of the touch as calculation output of Ratio Engine 1 and 2 Data is organized
as a "packet" of 3 bytes. The data is backed by 4-level of buffer
1st byte [7:0]
2nd byte [15:8]
3rd byte [23:16]
76
543
210
POS[7:0]
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
15
14
13
12
11
10
9
8
MOV[5:0]
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
23
22
21
20
19
18
17
16
TOUCH
TIME_STAMP[6:0]
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] POS:
Position of the touch in ratio engine sensors.
[15:8] MOV:
Movement of the touch location as a function of POS1 – POS0, where POS1 is current position
and POS0 is position before.
[23:16] TIME_STAMP:
Delay between current and previous samples in unit of time.
Each bit is 8ms (if MAF is enabled), or 1/4ms (if MAF is not enabled).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com