Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE24M31 Datasheet HTML 1Page - STMicroelectronics STMPE24M31 Datasheet HTML 2Page - STMicroelectronics STMPE24M31 Datasheet HTML 3Page - STMicroelectronics STMPE24M31 Datasheet HTML 4Page - STMicroelectronics STMPE24M31 Datasheet HTML 5Page - STMicroelectronics STMPE24M31 Datasheet HTML 6Page - STMicroelectronics STMPE24M31 Datasheet HTML 7Page - STMicroelectronics STMPE24M31 Datasheet HTML 8Page - STMicroelectronics STMPE24M31 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
April 2011
Doc ID 16174 Rev 4
1/85
85
STMPE16M31
STMPE24M31
S-Touch® 16/24-channel touchkey controller
with PWM and ratio engines
Features
■ Up to 24 capacitive sensor inputs
■ Independent and configurable automatic
calibration on all channels
■ 15 fF resolution, 512 steps with 30 pF auto-
tuning
■ Up to 30 pF external reference capacitor
■ 2 units of 8-input ratiometric engines
supporting 256 steps slider/wheel
■ PWM and GPIO:
– Up to 16 general purpose inputs/outputs
– 8 independent PWM controllers, up to 16
PWM outputs
– 12 mA sourcing/sinking on GPIO for LED
driving (at 3.3 V VIO)
– Maximum source/sink current 120 mA
■ Operating voltage:
–1.65 - 1.95 V (VCC, internally supplied)
–2.7- 5.5 V(VIO)
■ Low operating current: 400 µA in active mode,
50 µA in sleep mode and 5 µA in hibernate
mode
■ I2C interface (up to 400 kHz). I2C is 3.3 V
tolerant
■ 8 kV HBM ESD protection on all sensing pins
■ 200V MM ESD protection on all pins
Applications
■ Multimedia bars in notebook computers
■ Portable media players and game consoles
■ Mobile phones and smartphones
Description
The STMPE16M31 and STMPE24M31 capacitive
touchkey controllers offer highly versatile and
flexible capacitive sensing capabilities in one
single chip.
The devices integrate up to 24 capacitive sensing
channels which are highly sensitive and noise
tolerant. Two units of hardwired ratiometric
engines enable the implementation of a
slider/wheel without external computations. Eight
independent PWM controllers allow to control up
to 16 LEDs with brightness control, ramping and
blinking capabilities. The I2C interface supports
up to 400 kHz communication with the system
host. A very wide dynamic range allows most
applications to work without hardware tuning.
A single STMPE24M31 device can be used to
implement a complete notebook multimedia
control bar with eight capacitive touchkeys, an 8-
channel slider with 256 steps resolution and eight
independently controlled LED.
QFN40
(5 x 5 mm)
QFN32
(4 x 4 mm)
Table 1.
Device summary
Order code
Package
Packaging
STMPE24M31QTR
QFN40 (5 x 5 mm)
Tape and reel
STMPE16M31QTR
QFN32 (4 x 4 mm)
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STMPE24M31

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE24M31QTR STMICROELECTRONICS-STMPE24M31QTR Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
18-Apr-2011
More results

Similar Description - STMPE24M31

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60240 QUANTUM-QT60240 Datasheet
609Kb / 26P
16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
8-bit Xpander Logic??with touchkey controller
10-Jun-2008
STMPE1208S STMICROELECTRONICS-STMPE1208S_08 Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE24M31QTR STMICROELECTRONICS-STMPE24M31QTR Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
18-Apr-2011
logo
List of Unclassifed Man...
QT60240-ATG ETC2-QT60240-ATG Datasheet
615Kb / 26P
16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
Quantum Research Group
QT60160-ATG QUANTUM-QT60160-ATG Datasheet
615Kb / 26P
16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
STMicroelectronics
STMPE16M31PX STMICROELECTRONICS-STMPE16M31PX Datasheet
669Kb / 75P
S-Touch® 16-channel touchkey controller with proximity sensing
January 2011 Rev 2
STMPE321 STMICROELECTRONICS-STMPE321 Datasheet
429Kb / 40P
3-channel capacitive touchkey controller
August 2009 Rev 3
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
STMPE811 STMICROELECTRONICS-STMPE811_V01 Datasheet
558Kb / 66P
S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
18-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com