Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 46Page - STMicroelectronics STMPE24M31 Datasheet HTML 47Page - STMicroelectronics STMPE24M31 Datasheet HTML 48Page - STMicroelectronics STMPE24M31 Datasheet HTML 49Page - STMicroelectronics STMPE24M31 Datasheet HTML 50Page - STMicroelectronics STMPE24M31 Datasheet HTML 51Page - STMicroelectronics STMPE24M31 Datasheet HTML 52Page - STMicroelectronics STMPE24M31 Datasheet HTML 53Page - STMicroelectronics STMPE24M31 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 85 page
background image
Touch sensor controller
STMPE16M31, STMPE24M31
50/85
Doc ID 16174 Rev 4
The impedance reading is the output of an internal MAF (median averaging filter). As up to
16 samples are taken for each reading, the impedance reading is the sum of 16 of 9-bit
samples.
To allow maximum consistency, the 3 impedance readings are always 13-bit, whichever
MAF setting is used.
The touch variance (TVR) and environmental variance (EVR) registers are specified in a 9-
bit format. For comparison with the impedances, the TVR and EVR would be INTERNALLY
shifted 4 bits up.
13.3
Auto-tuning
The capacitive sensor hardware in the STMPExxM31 devices has a sensitivity of 15 fF and
a range of 512 steps giving it a dynamic range of 7.5 pF. This means that at any time, the
device is able to sense a change in capacitance up to 7.5 pF. When the channel capacitance
moves out of the 7.5 pF window, the auto tuning feature kicks in to ensure proper sensing
operation.
Figure 15.
Auto-tuning operation
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com