Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 26Page - STMicroelectronics STMPE24M31 Datasheet HTML 27Page - STMicroelectronics STMPE24M31 Datasheet HTML 28Page - STMicroelectronics STMPE24M31 Datasheet HTML 29Page - STMicroelectronics STMPE24M31 Datasheet HTML 30Page - STMicroelectronics STMPE24M31 Datasheet HTML 31Page - STMicroelectronics STMPE24M31 Datasheet HTML 32Page - STMicroelectronics STMPE24M31 Datasheet HTML 33Page - STMicroelectronics STMPE24M31 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
System controller
STMPE16M31, STMPE24M31
30/85
Doc ID 16174 Rev 4
GPIO_INT_EN
Interrupt enable GPIO register
Address:
0x0C – 0x0D
Type:
R/W
Reset:
0x0000
Description:
This register is used to enable the generation of interrupt signal, at the INT pin.
LSB (0x0C)
MSB (0x0D)
PWM_INT_STA
Interrupt status PWM register
Address:
0x0E
Type:
R/W
Reset:
0x00
Description:
When a PWM controller completes the PWM sequence, the corresponding bit in this
register goes to ‘1’. Write ‘1’ in this register clears the written bit, writing ‘0’ has no
effect.
76
543
210
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
76
543
210
IO-15
IO-14
IO-13
IO-12
IO-11
IO-10
IO-9
IO-8
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] IO - X
Interrupt status of GPIO - X
Read ‘1’ if state transition is detected in corresponding GPIO channel
Write’1’ to clear the interrupt status.
76
543
210
PWM-7
PWM-6
PWM-5
PWM-4
PWM-3
PWM-2
PWM-1
PWM-0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] PWM - X
Interrupt status of PWM – X.
Read ‘1’ if the corresponding PWM channel complete programmed sequence
Write ‘1’ to clear the interrupt status
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com