Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 4Page - STMicroelectronics STMPE24M31 Datasheet HTML 5Page - STMicroelectronics STMPE24M31 Datasheet HTML 6Page - STMicroelectronics STMPE24M31 Datasheet HTML 7Page - STMicroelectronics STMPE24M31 Datasheet HTML 8Page - STMicroelectronics STMPE24M31 Datasheet HTML 9Page - STMicroelectronics STMPE24M31 Datasheet HTML 10Page - STMicroelectronics STMPE24M31 Datasheet HTML 11Page - STMicroelectronics STMPE24M31 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Pin assignment
STMPE16M31, STMPE24M31
8/85
Doc ID 16174 Rev 4
Figure 4.
Sample application - notebook multimedia bar
Table 3.
Limitations on intrinsic capacitance on PCB / flexi PCB(1)
1.
For small PCBs, it is possible to operate the device with CRef left unconnected. However, without a small
capacitance at this pin, the capacitive sensing operation tends to be noisier. It is recommended that a
capacitor of 10 pF to be connected to this pin.
Cmax-Cmin
(Difference between
highest and lowest channel
capacitance)
Cmax
Matching capacitors
< 30 pF
< 30 pF
Not required
<3 0 pF
> 30 pF, < 60 pF
Cref of up to 30 pF required
>30pF, <60pF
> 30 pF, <60 pF
Cref of up to 30 pF required
Channel matching capacitance of up
to 25 pF required
> 60 pF
> 60 pF
PCB optimization required
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com