Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 35Page - STMicroelectronics STMPE24M31 Datasheet HTML 36Page - STMicroelectronics STMPE24M31 Datasheet HTML 37Page - STMicroelectronics STMPE24M31 Datasheet HTML 38Page - STMicroelectronics STMPE24M31 Datasheet HTML 39Page - STMicroelectronics STMPE24M31 Datasheet HTML 40Page - STMicroelectronics STMPE24M31 Datasheet HTML 41Page - STMicroelectronics STMPE24M31 Datasheet HTML 42Page - STMicroelectronics STMPE24M31 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
STMPE16M31, STMPE24M31
PWM controller
Doc ID 16174 Rev 4
39/85
11
PWM controller
The PWM controller allows to control the brightness, ramping/fading and blinking of LEDs.
The STMPE24M31/16M31 features 8 independent PWM controllers.
The PWM controllers outputs are connected to the GPIO through the PWM array controller.
The PAC provides the following list of flexibility to the overall PWM’s system:
–
Each GPIO may utilize the output of 1 of the 8 PWM controllers.
–
Up to 16 GPIO may be controlled by the same PWM at the same time.
–
Each of the PWM could be programmed to be triggered by a touch sensing input.
The PWM controller uses a base clock of 512 kHz, clock pulses have a variable duty cycle
of 0 to 100% in 16 steps. The PWM’s frequency is 32 kHz (to be out of audio range).
11.1
PWM function register map
This section lists and describes the PWM function registers of the STMPE16M31 and
STMPE24M31 devices, starting with a register map and then provides detailed descriptions
of register types.
Table 12.
PWM function registers
Address
Register name
Reset value
R/W
Description
0x30
PWM_MASTER_EN
0x00
RW
PWM master enable
0x40
PWM_0_SET
0x00
RW
PWM0 setup
0x41
PWM_0_CTRL
0x00
RW
PWM0 control
0x42
PWM_0_RAMP
0x00
RW
PWM0 ramp rate
0x43
PWM_0_TRIG
0x00
RW
PWM0 trigger
0x44
PWM_1_SET
0x00
RW
PWM1 setup
0x45
PWM_1_CTRL
0x00
RW
PWM1 control
0x46
PWM_1_RAMP
0x00
RW
PWM1 ramp rate
0x47
PWM_1_TRIG
0x00
RW
PWM1 trigger
0x48
PWM_2_SET
0x00
RW
PWM2 setup
0x49
PWM_2_CTRL
0x00
RW
PWM2 control
0x4A
PWM_2_RAMP
0x00
RW
PWM2 ramp rate
0x4B
PWM_2_TRIG
0x00
RW
PWM2 trigger
0x4C
PWM_3_SET
0x00
RW
PWM3 setup
0x4D
PWM_3_CTRL
0x00
RW
PWM3 control
0x4E
PWM_3_RAMP
0x00
RW
PWM3 ramp rate
0x4F
PWM_3_TRIG
0x00
RW
PWM3 trigger
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com