Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 7Page - STMicroelectronics STMPE24M31 Datasheet HTML 8Page - STMicroelectronics STMPE24M31 Datasheet HTML 9Page - STMicroelectronics STMPE24M31 Datasheet HTML 10Page - STMicroelectronics STMPE24M31 Datasheet HTML 11Page - STMicroelectronics STMPE24M31 Datasheet HTML 12Page - STMicroelectronics STMPE24M31 Datasheet HTML 13Page - STMicroelectronics STMPE24M31 Datasheet HTML 14Page - STMicroelectronics STMPE24M31 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
STMPE16M31, STMPE24M31
I2C interface module
Doc ID 16174 Rev 4
11/85
2
I2C interface module
The STMPE24M31/16M31 has 2 physical I2C address pins, allowing 4 different I2C address
settings.
The features that are supported by the I2C interface module are the following ones:
–I2C slave device
–
Operates at VCC (tolerant to 3.3 V signaling)
–
Compliant to Philips I2C specification version 2.1
–
Supports standard (up to 100 kbps) and fast (up to 400 kbps) modes
–
7-bit and 10-bit device addressing modes
–
General call
–
Start/restart/stop
The features that are not supported are:
–
Hardware general call
–
CBUS compatibility
–
High-speed (3.4 Mbps) mode
2.1
Device operation
Start condition
A Start condition is identified by a falling edge of SDA while SCL is stable at high state. A
Start condition must precede any data/command transfer. The device continuously monitors
for a Start condition and does not respond to any transaction unless one is encountered.
Stop condition
A Stop condition is identified by a rising edge of SDA while SCL is stable at high state. A
Stop condition terminates the communication between the slave device and bus master. A
read command that is followed by NoAck can be followed by a Stop condition to force the
slave device into idle mode. When the slave device is in idle mode, it is ready to receive the
next I2C transaction. A Stop condition at the end of a write command stops the write
operation to registers.
Table 5.
I2C address pins
Address 1
Address 0
I2C address
0
0
0x58
0
1
0x59
10
0x5A
11
0x5B
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com