Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 125Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 126Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 127Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 128Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 129Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 130Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 131Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 132Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
129
www.national.com
1: Oversampling mode.
Bit 7 - Run Length Control (R_LEN)
Enables or disables run length encoding/decoding. The
format of a run length code is:
YXXXXXXX
where, Y is the bit value and XXXXXXX is the number
of bits minus 1 (Selects from 1 to 128 bits).
0: Run Length Encoding/decoding is disabled.
1: Run Length Encoding/decoding is enabled.
5.18.4
Link Control/Bank Select Registers (LCR/BSR)
These registers are the same as the registers at offset
03h in bank 0.
5.18.5
Infrared Interface Configuration Register 1
(IRCFG1)
This register holds the transceiver configuration data for
Sharp-IR and SIR modes. It is also used to directly control
the transceiver operation mode when automatic configura-
tion is not enabled. The four least significant bits are also
used to read the identification data of a Plug and Play infra-
red interface adaptor.
Bit 0 - Transceiver Identification/Control Bit 0 (IRIC0)
The function of this bit depends on whether the
ID0/IRSL0/IRRX2 pin is programmed as an input or an
output.
If ID0/IRSL0/IRRX2 is programmed as an input
(IRSL0_DS = 0) then:
— Upon read, this bit returns the logic level of the pin
(allowing external devices to identify themselves).
— Data written to this bit position is ignored.
If ID0/IRSL0/IRXX2 is programmed as an output
(IRSL0_DS = 1), then:
— If AMCFG (bit 7 of IRCFG4) is set to 1, this bit drives
the ID0/IRSL0/IRRX2 pin when Sharp-IR mode is
selected.
— If
AMCFG
is
0,
this
bit
will
drive
the
ID0/IRSL0/IRRX2 pin, regardless of the selected
mode.
Upon read, this bit returns the value previously written.
Bits 2-1 - Transceiver Identification/Control Bits 2-1 (IRIC2-
1)
The function of these bits depends on whether the
ID/IRSL(2-1) pins are programmed as inputs or outputs.
If ID/IRSL(2-1) are programmed as input (IRSL21_DS =
0) then:
— Upon read, these bits return the logic level of the
pins (allowing external devices to identify them-
selves).
— Data written to these bit positions will be ignored.
If ID/IRSL(2-1) are programmed as output (IRSL21_DS
= 1) then:
— If AMCFG (bit 7 of IRCFG4) is set to 1, these bits
drive the ID/IRSL(2-1) pins when Sharp-IR mode is
selected.
— If AMCFG is 0, these bits will drive the ID/IRSL(2-
1)pins, regardless of the selected mode.
Upon read, these bits return the values previously written.
Bit 3 - Transceiver identification (IRID3)
Upon read, this bit returns the logic level of the ID3 pin.
Data written to this bit position is ignored.
Bits 6-4 - SIR Mode Transceiver Configuration (SIRC(2-0))
These bits will drive the ID/IRSL(2-0) pins when AMCFG
(bit 7 of IRCFG4) is 1 and SIR mode is selected. They
are unused when AMCFG is 0 or when the ID/IRSL (2-
0) pins are programmed as inputs. SIRC0 is also un-
used when the IRSL0_DS bit in IRCFG4 is 0.
Upon read, these bits return the values previously written.
Bit 7 - Special Transceiver Mode Selection (STRV_MS)
When this bit is set to 1, the IRTX output signal is forced
to active high and a timer is started.
The timer times out after 64
µsec, at which time the bit
is reset and the IRTX output signal becomes low again.
The timer is restarted every time a 1 is written to this bit.
Although it is possible to extend the period during which
IRTX remains high beyond 64
µsec, this should be
avoided to prevent damage to the transmitter LED.
Writing a zero to this bit has no effect.
5.18.6
Reserved Register
Bank 7 register with offset 05h is reserved.
5.18.7
Infrared Interface Configuration 3 Register
(IRCFG3)
This register sets the external transceiver configuration for
the low speed and high speed Consumer IR modes of op-
eration. Upon reset, the content of this register is 00h.
76543210
Reset
Required
x
0
0
0
0
0
0
0
Infrared Configuration
(IRCFG1)
Bank 7,
IRIC(2-0)
Register 1
SIRC(2-0)
IRID3
STRV_MS
Offset 04h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
Infrared Configuration
(IRCFG3)
Bank 7,
RCLC(2-0)
Register 3
RCHC(2-0)
Reserved
Reserved
Offset 06h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com