Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 122Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 123Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 124Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 125Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 126Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 127Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 128Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 129Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
126
www.national.com
5.18.2
Infrared Transmitter Modulator Control
Register (IRTXMC)
This register controls modulation subcarrier parameters for
Consumer-IR and Sharp-IR mode transmission. For Sharp-
IR, only the carrier pulse width is controlled by this register
- the carrier frequency is fixed at 500 KHz.
After reset, the value of this register is 69h, selecting a car-
rier frequency of 36 KHz and an IR pulse width of 7
µsec for
Consumer-IR, or a pulse width of 0.8
µsec for Sharp-IR.
Bits 4-0 - Modulation Subcarrier Frequency (MCFR)
These bits set the frequency for the Consumer-IR mod-
ulation subcarrier. The encoding are defined in Table
5-26.
Bits 7-5 - Modulation Subcarrier Pulse Width (MCPW)
Specify the pulse width of the subcarrier clock as shown
in Table 5-27.
TABLE 5-23. Consumer IR, High Speed Demodulator (RXHSC = 1) (Frequency Ranges in KHz)
TABLE 5-24. Sharp-IR Demodulator (Frequency Ranges in KHz)
TABLE 5-25. Consumer-IR, Low Speed Demodulator (RXHSC = 0) (Frequency Ranges in KHz)
76543210
Reset
Required
1
0
0
1
0
1
1
0
Modulation Control
(IRTXMC)
Bank 7,
Infrared Transmitter
MCFR(4-0)
Register
MCPW(2-0)
Offset 01h
DFR Bits
4 3 2 1 0
DBW2-0 (Bits 7, 6 and 5 of IRRXDC)
min/max
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
0 0 0 1 1
min
380.95
363.63
347.82
333.33
320.00
307.69
max
421.05
444.44
470.58
500.00
533.33
571.42
0 1 0 0 0
min
436.36
417.39
400.00
384.00
369.23
355.55
max
480.00
505.26
533.33
564.70
600.00
640.00
0 1 0 1 1
min
457.71
436.36
417.39
400.00
384.00
369.92
max
502.26
533.33
564.70
600.00
640.00
685.57
DFR Bits
4 3 2 1 0
DBW2-0 (Bits 7, 6 and 5 of IRRXDC)
min/max
001
010
011
100
101
110
x x x x x x
min
480.0
457.1
436.4
417.4
400.0
384.0
max
533.3
564.7
600.0
640.0
685.6
738.5
DFR Bits
4 3 2 1 0
DBW2-0 (Bits 7, 6 and 5 of IRRXDC)
min/max
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
0 0 0 1 0
min
26.66
25.45
24.34
23.33
22.40
21.53
max
29.47
31.11
32.94
35.00
37.33
40.00
0 0 0 1 1
min
28.57
27.27
26.08
25.00
24.00
23.07
max
31.57
33.33
35.29
37.50
40.00
42.85
0 0 1 0 0
min
29.28
27.95
26.73
25.62
24.60
23.65
max
32.37
34.16
36.17
38.43
41.00
43.92
0 0 1 0 1
min
30.07
28.68
27.43
26.29
25.24
24.27
max
33.24
35.05
37.11
39.43
42.06
45.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com