Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 121Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 122Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 123Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 124Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 125Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 126Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 127Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 128Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
125
www.national.com
Bits 3-0 - SIR Pulse Width Register (SPW)
Two codes for setting the pulse width are available. All
other values for this field are reserved.
0000:Pulse width is 3/16 of the bit period. (Default)
1101:Pulse width is 1.6
µsec.
Bits 7-4 - Reserved
Read/Write 0.
5.17.4
Link Control Register (LCR) and Bank Select
Register (BSR)
These registers are the same as the registers at offset 03h
in Bank 0.
5.17.5
Reserved Registers
Bank 6 registers with offsets 04h-07h are reserved.
5.18 BANK 7 – CONSUMER-IR AND OPTICAL
TRANSCEIVER CONFIGURATION REGISTERS
Bank 7 contains the registers that configure Consumer-IR
functions and infrared transceiver controls. See Table 5-22.
TABLE 5-22. Bank 7 Register Set
The Consumer-IR utilizes two carrier frequency ranges (see
also Table 5-26).
— Low range which spans from 30 KHz to 56 KHz, in
1 KHz increments, and
— High range which includes three frequencies:
400 KHz, 450 KHz or 480 KHz.
High and low frequencies are specified independently to al-
low separate transmission and reception modulation set-
tings. The transmitter uses the carrier frequency settings in
Table 5-26.
The four registers at offsets 04h through 07h (the infrared
transceiver configuration registers) are provided to config-
ure the Infrared Interface (the transceiver). The transceiver
mode is selected by up to three special output signals
(IRSL2-0). When programmed as outputs these signals are
forced to low when automatic configuration is enabled (AM-
CFG bit set to 1) and a UART mode is selected.
5.18.1
Infrared Receiver Demodulator Control
Register (IRRXDC)
This register controls settings for Sharp-IR and Consumer
IR reception. After reset, the content of this register is 29h.
This setting selects a subcarrier frequency in a range be-
tween 34.61 KHz and 38.26 KHz for the Consumer-IR
mode, and from 480.0 to 533.3 KHz for the Sharp-IR mode.
The value of this register is ignored in both modes if the re-
ceiver demodulator is disabled. The available frequency
ranges for Consumer-IR and Sharp-IR modes are given in
Tables 5-23 through 5-25.
Bits 4-0 - Demodulator Frequency (DFR(4-0))
These bits select the subcarrier’s center frequency for
the Consumer-IR receiver demodulator. Table 5-25
shows the selection for low speed demodulation (bit 5 of
RCCFG=0, see page 128), and Table 5-24 shows the
selection for high speed demodulation (bit 5 of RC-
CFG=1).
Bits 7-5 - Demodulator Bandwidth (DBW(2-0))
These bits set the demodulator bandwidth for the select-
ed frequency range. The subcarrier signal frequency
must fall within the specified frequency range in order to
be accepted. Used for both Sharp-IR and Consumer-IR
modes.
See Tables 5-23, 5-25 and bit 5 (RXHSC) of the Con-
sumer-IR Configuration (RCCFG) Register on page
128.
Offset
Register
Name
Description
00h
IRRXDC
Infrared Receiver Demodulator
Control Register
01h
IRTXMC
Infrared Transmitter Modulator
Control Register
02h
RCCFG Consumer-IR Configuration Reg-
ister
03h
LCR/BSR
Link Control Register/
Bank Select Register
04h
IRCFG1
Infrared Interface Configuration
Register 1
05h
Reserved
06h
IRCFG3
Infrared Interface Configuration
Register 3
07h
IRCFG4
Infrared Interface Configuration
Register 4
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
Register
(SIR_PW)
Bank 6,
SIR Pulse Width
SPW(3-0)
Offset 02h
Reserved
76543210
Reset
Required
1
0
0
1
0
1
0
0
Register (IRRXDC)
Bank 7,
Demodulation Control
Infrared Receiver
DFR2
DFR4
DBW0
DBW1
DBW2
DFR0
DFR1
DFR3
Offset 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com