Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 120Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 121Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 122Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 123Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 124Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 125Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 126Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 127Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
124
www.national.com
5.16.1
Reserved Registers
Bank 5 registers with offsets 00h-02h are reserved.
5.16.2
(LCR/BSR) Register
These registers are the same as the registers at offset 03h
in bank 0.
5.16.3
Infrared Control Register 2 (IRCR2)
This register controls the basic settings of the infrared
modes.
Upon reset, the content of this register is 02h.
Bit 0 - Enable Infrared Full Duplex Mode (IR_FDPLX)
When set to 1, the infrared receiver is not masked dur-
ing transmission.
Bit 1 - MSR Register Function Select in Infrared Mode
(IRMSSL)
This bit selects the behavior of the Modem Status Reg-
ister (MSR) and the Modem Status Interrupt (MS_EV)
when any infrared mode is selected. When a UART
mode is selected, the Modem Status Register and the
Modem Status Interrupt function normally, and this bit is
ignored.
0: MSR register and modem status interrupt work in
the IR modes as in the UART mode (Enables exter-
nal circuitry to perform carrier detection and pro-
vide wake-up events).
1: The MSR returns 30h, and the Modem Status In-
terrupt is disabled. (Default)
Bits 3,2 -Reserved
Read/Write 0.
Bit 4 - Auxiliary Infrared Input Select (AUX_IRRX)
When set to 1, the infrared signal is received from the
auxiliary input. (Separate input signals may be desired
for different front-end circuits). See Table 5-29 on page
130.
Bit 5-7 - Reserved
Read/Write 0.
5.16.4
Reserved Registers
Bank 5 registers with offsets 05h-07h are reserved.
5.17 BANK 6 – INFRARED PHYSICAL LAYER
CONFIGURATION REGISTERS
This Bank of registers controls aspects of the framing and
timing of the infrared modes.
TABLE 5-21. Bank 6 Register Set
5.17.1
Infrared Control Register 3 (IRCR3)
This register enables/disables modulation in Sharp-IR
mode.
Upon reset, the content of this register is 20h.
Bit 0-5 - Reserved
Read/Write 0.
Bit 6 - Sharp-IR Modulation Disable (SHMD_DS)
0: Enables internal 500 KHz transmitter modulation.
(Default)
1: Disables internal modulation.
Bit 7 - Sharp-IR Demodulation Disable (SHDM_DS)
0: Enables internal 500 KHz receiver demodulation.
(Default)
1: Disables internal demodulation.
5.17.2
Reserved Register
Bank 6 register with offset 01h is reserved.
5.17.3
SIR Pulse Width Register (SIR_PW)
This register sets the pulse width for transmitted pulses in
SIR operation mode. These setting do not affect the receiv-
er. Upon reset, the content of this register is 00h, which de-
faults to a pulse width of 3/16 of the baud.
76543210
Reset
Required
0
1
0
0
0
0
0
0
0
Register 2
(IRCR2)
Bank 5,
AUX_IRRX
IR_FDPLX
IRMSSL
Infrared Control
Offset 04h
Reserved
Reserved
Offset
Register
Name
Description
00h
IRCR3
Infrared Control Register 3
01h
Reserved
02h
SIR_PW
SIR Pulse Width Control
(
≤ 115 Kbps)
03h
LCR/ BSR
Link Control Register/
Bank Select Register
04h - 07h
Reserved
76543210
Reset
Required
0
0
0
0
0
1
0
0
0
0
0
0
0
0
Register 3
(IRCR3)
Bank 6,
Infrared Control
SHMD_DS
SHDM_DS
Offset 00h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com