Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 122 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 122 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 118Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 119Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 120Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 121Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 122Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 123Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 124Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 125Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 126Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
122
www.national.com
5.13.7
RX_FIFO Current Level Register (RXFLV)
This read-only register returns the number of bytes in the
RX_FIFO. It can be used for software debugging.
Bits 4-0 - Number of Bytes in RX_FIFO (RFL(4-0))
These bits specify the number of bytes in the RX_FIFO.
Bits 7-5 - Reserved
Read/Write 0.
Note: The contents of TXFLV and RXFLV are not frozen
during CPU reads. Therefore, invalid data could be re-
turned if the CPU reads these registers during normal
transmitter and receiver operation. To obtain correct da-
ta, the software should perform three consecutive reads
and then take the data from the second read, if first and
second read yield the same result, or from the third
read, if first and second read yield different results.
5.14 BANK 3 – MODULE REVISION ID AND SHADOW
REGISTERS
Bank 3 contains the Module Revision ID register which
identifies the revision of the module, shadow registers for
monitoring various registers whose contents are modified
by being read, and status and control registers for handling
the flow control.
TABLE 5-17. Bank 3 Register Set
5.14.1
Module Revision ID Register (MRID)
This read-only register identifies the revision of the module.
When read, it returns the module ID and revision level. This
module returns the code 2xh, where x indicates the revision
number.
Bits 3-0 - Revision ID (MID3-0)
The value in these bits identifies the revision level.
Bits 7-4 - Module ID (MID7-4)
The value in these bits identifies the module type.
5.14.2
Shadow of Link Control Register (SH_LCR)
This register returns the value of the LCR register. The LCR
register is written into when a byte value according to Table
5-9 on page 114, is written to the LCR/BSR registers loca-
tion (at offset 03h) from any bank.
See “Link Control Register (LCR)” on page 112 for bit de-
scriptions.
Offset
Register
Name
Description
00h
MRID
Module Revision ID Register
01h
SH_LCR
Shadow of LCR Register
(Read Only)
02h
SH_FCR
Shadow of FIFO Control Register
(Read Only)
03h
LCR/
BSR
Link Control Register/
Bank Select Register
04h-07h
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
RX_FIFO Current Level
Register (RXFLV)
Bank 2,
RFL2
RFL4
RFL0
RFL1
RFL3
Extended Modes
Offset 07h
Reserved
76543210
Reset
Required
x
x
x
x
0
1
0
0
Module Revision ID
(MRID)
Bank 3,
Offset 00h
Register
Revision ID(RID 3-0)
Module ID(MID 7-4)
76543210
Reset
Required
0
0
0
0
0
0
0
0
Link Control Register
(SH_LCR)
Bank 3,
Shadow of
STB
EPS
STKP
SBRK
BKSE
WLS0
WLS1
PEN
Offset 01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com