Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 46 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 46 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 42Page - Silicon Laboratories EM351-RTR Datasheet HTML 43Page - Silicon Laboratories EM351-RTR Datasheet HTML 44Page - Silicon Laboratories EM351-RTR Datasheet HTML 45Page - Silicon Laboratories EM351-RTR Datasheet HTML 46Page - Silicon Laboratories EM351-RTR Datasheet HTML 47Page - Silicon Laboratories EM351-RTR Datasheet HTML 48Page - Silicon Laboratories EM351-RTR Datasheet HTML 49Page - Silicon Laboratories EM351-RTR Datasheet HTML 50Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 241 page
background image
46
Rev 1.3
6.5. Power Management
The EM35x’s power management system is designed to achieve the lowest deep sleep current consumption
possible while still providing flexible wakeup sources, timer activity, and debugger operation. The EM35x has four
main sleep modes:

Idle Sleep: Puts the CPU into an idle state where execution is suspended until any interrupt occurs. All
power domains remain fully powered and nothing is reset.

Deep Sleep 1: The primary deep sleep state. In this state, the core power domain is fully powered down
and the sleep timer is active.

Deep Sleep 2: The same as Deep Sleep 1 except that the sleep timer is inactive to save power. In this
mode the sleep timer cannot wake up the EM35x.

Deep Sleep 0 (also known as Emulated Deep Sleep): The chip emulates a true deep sleep without
powering down the core domain. Instead, the core domain remains powered and all peripherals except the
system debug components (ITM, DWT, FPB, NVIC) are held in reset. The purpose of this sleep state is to
allow EM35x software to perform a deep sleep cycle while maintaining debug configuration such as
breakpoints.
CSYSPWRUPREQ, CDBGPWRUPREQ, and the corresponding CSYSPWRUPACK and
CDBGPWRUPACK are bits in the debug port’s CTRL/STAT register in the SWJ. For further information on
these bits and the operation of the SWJ-DP please refer to the ARM Debug Interface v5 Architecture
Specification (ARM IHI 0031A).
For further power savings when not in deep sleep, the ADC, Timer 1, Timer 2, Serial Controller 1, and Serial
Controller 2 peripherals can be individually disabled through the PERIPHERAL_DISABLE register. Disabling a
peripheral saves power by stopping the clock feeding that peripheral. A peripheral should only be disabled through
the PERIPHERAL_DISABLE register when the peripheral is idle and disabled through the peripheral's own
configuration registers, otherwise undefined behavior may occur. When a peripheral is disabled through the
PERIPHERAL_DISABLE register, all registers associated with that peripheral ignore all subsequent writes, and
subsequent reads return the value seen in the register at the moment the peripheral is disabled.
6.5.1. Wake Sources
When in deep sleep the EM35x can be returned to the running state in a number of ways, and the wake sources
are split depending on deep sleep 1 or deep sleep 2.
The following wake sources are available in both deep sleep 1 and 2.

Wake on GPIO activity: Wake due to change of state on any GPIO.

Wake on serial controller 1: Wake due to a change of state on GPIO Pin PB2.

Wake on serial controller 2: Wake due to a change of state on GPIO Pin PA2.

Wake on IRQD: Wake due to a change of state on IRQD. Since IRQD can be configured to point to any
GPIO, this wake source is another means of waking on any GPIO activity.

Wake on setting of CDBGPWRUPREQ: Wake due to setting the CDBGPWRUPREQ bit in the debug port
in the SWJ.

Wake on setting of CSYSPWRUPREQ: Wake due to setting the CSYSPWRUPREQ bit in the debug port in
the SWJ.
The following sources are only available in deep sleep 1 since the sleep timer is not active in deep sleep 2.

Wake on sleep timer compare A.

Wake on sleep timer compare B.

Wake on sleep timer wrap.
The following source is only available in deep sleep 0 since the SWJ is required to write a memory mapped register
to set this wake source and the SWJ only has access to some registers in deep sleep 0.

Wake on write to the WAKE_CORE register bit.
The Wakeup Recording module monitors all possible wakeup sources. More than one wakeup source may be
recorded because events are continually being recorded (not just in deep-sleep) and another event may happen
between the first wake event and when the EM35x wakes up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com