Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 94 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 94 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 90Page - Silicon Laboratories EM351-RTR Datasheet HTML 91Page - Silicon Laboratories EM351-RTR Datasheet HTML 92Page - Silicon Laboratories EM351-RTR Datasheet HTML 93Page - Silicon Laboratories EM351-RTR Datasheet HTML 94Page - Silicon Laboratories EM351-RTR Datasheet HTML 95Page - Silicon Laboratories EM351-RTR Datasheet HTML 96Page - Silicon Laboratories EM351-RTR Datasheet HTML 97Page - Silicon Laboratories EM351-RTR Datasheet HTML 98Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 241 page
background image
Rev 1.3
94
8.6.2. Set Up and Configuration
The UART baud rate clock is produced by a programmable baud generator starting from the 24 Hz clock:
The integer portion of the divisor, N, is written to the SC1_UARTPER register and the fractional part, F, to the
SC1_UARTFRAC register. Table 8.11 shows the values used to generate some common baud rates and their
associated clock frequency error. The UART requires an internal clock that is at least eight times the baud rate
clock, so the minimum allowable setting for SC1_UARTPER is 8.
The UART can miss bytes when the inter-byte gap is long or there is a baud rate mismatch between receiver and
transmitter. The UART may detect a parity and/or framing error on the corrupted byte, but there will not necessarily
be any error detected.
The UART is best operated in systems where the other side of the communication link also uses a crystal as its
timing reference, and baud rates should be selected to minimize the baud rate mismatch to the crystal tolerance.
Additionally, UART protocols should contain some form of error checking (for example CRC) at the packet level to
detect, and retry in the event of errors. Since the probability of corruption is low, there would only be a small effect
on UART throughput due to retries.
Errors may occur when:
Table 8.11. UART Baud Rate Divisors for Common Baud Rates
Baud Rate
(bits/sec)
SC1_UARTPER
SC1_UARTFRAC
Baud Rate Error (%)
300
40000
0
0
2400
5000
0
0
4800
2500
0
0
9600
1250
0
0
19200
625
0
0
38400
312
1
0
57600
208
1
– 0.08
115200
104
0
+ 0.16
230400
52
0
+ 0.16
460800
26
0
+ 0.16
921600
13
0
+ 0.16
baud
24 MHz
2N F
+
--------------------
=
Tgap
10
6
baud Ferror
--------------------------------------
Where:
Tgap= inter-byte gap in seconds
baud = baud rate in bps
Ferror = relative frequency error in ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com