Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 6 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 2Page - Silicon Laboratories EM351-RTR Datasheet HTML 3Page - Silicon Laboratories EM351-RTR Datasheet HTML 4Page - Silicon Laboratories EM351-RTR Datasheet HTML 5Page - Silicon Laboratories EM351-RTR Datasheet HTML 6Page - Silicon Laboratories EM351-RTR Datasheet HTML 7Page - Silicon Laboratories EM351-RTR Datasheet HTML 8Page - Silicon Laboratories EM351-RTR Datasheet HTML 9Page - Silicon Laboratories EM351-RTR Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 241 page
background image
6
Rev 1.3
Figure 1.1. Typical Application Circuit
VDD_24MHz
1
VDD_VCO
2
RF_P
3
RF_N
4
VDD_RF
5
RF_TX_ALT_P
6
RF_TX_ALT_N
7
VDD_IF
8
NC
9
VDD_PADSA
10
PC5
11
nRESET
12
PB0
36
PC4
35
PC3
34
PC2
33
JTCK
32
PB2
31
PB1
30
PA6
29
VDD_PADS
28
PA5
27
PA4
26
PA3
25
GND
49
Harmonic
Filter
Antenna
Ceramic
Balun
EM35x
Y1
Y2
R1
R3
L1
C1
L2
C2
C3
C4
C5 C6
C7
C8
VBRD
Optional
PC2
PC0
PC3
JTCK
PC4
nReset
PA4
PA5
Programing and
debug interface
(these pins should be
routed to test points)
L3
C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com