Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 31 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 27Page - Silicon Laboratories EM351-RTR Datasheet HTML 28Page - Silicon Laboratories EM351-RTR Datasheet HTML 29Page - Silicon Laboratories EM351-RTR Datasheet HTML 30Page - Silicon Laboratories EM351-RTR Datasheet HTML 31Page - Silicon Laboratories EM351-RTR Datasheet HTML 32Page - Silicon Laboratories EM351-RTR Datasheet HTML 33Page - Silicon Laboratories EM351-RTR Datasheet HTML 34Page - Silicon Laboratories EM351-RTR Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 241 page
background image
Rev 1.3
31
Table 5.2 shows the mapping of the option bytes that are used for read and write protection of the flash. Each bit of
the flash write protection option bytes protects a 4 page region of the main flash block. The EM351 has 16 regions
and therefore option bytes 4 and 5 control flash write protection (option byte 6 is reserved/unused). The EM357
has 24 regions and therefore option bytes 4, 5, and 6 control flash write protection. These write protection bits are
active low, and therefore the erased state of 0xFF disables write protection. Like read protection, write protection
only takes effect after a reset. Write protection not only prevents a write to the region, but also prevents page
erasure.
Option byte 0 controls flash read protection. When option byte 0 is set to 0xA5, read protection is disabled. All other
values, including the erased state 0xFF, enable read protection when coming out of reset. The internal state of read
protection (active versus disabled) can only be changed by applying a full chip reset. If a debugger is connected to
the EM35x, the intrusion state is latched. Read protection is combined with this latched intrusion signal. When both
read protection and intrusion are set, all flash is disconnected from the internal bus. As a side effect, the CPU
cannot execute code since all flash is disconnected from the bus. This functionality prevents a debug tool from
being able to read the contents of any flash. The only means of clearing the intrusion signal is to disconnect the
debugger and reset the entire chip using the nRESET pin. By requiring a chip reset, a debugger cannot install or
execute malicious code that could allow the contents of the flash to be read.
The only way to disable read protection is to program option byte 0 with the value 0xA5. Option byte 0 must be
erased before it can be programmed. Erasing option byte 0 while read protection is active automatically mass-
erases the main flash block. By automatically erasing main flash, a debugger cannot disable read protection and
readout the contents of main flash without destroying its contents.
When read protection is active, the bottom four flash pages, addresses 0x08000000 to 0x08001FFF, are
automatically write-protected. Write protecting the bottom four flash pages of main flash prevents an attacker from
reprogramming the reset vector and executing arbitrary code.
In general, if read protection is active then write protection should also be active. This prevents an attacker from
reprogramming flash with malicious code that could readout the flash after the debugger is disconnected. Even
though read protection automatically protects the reset vector, the same technique of reprogramming flash could
be performed at an address outside the bottom four flash pages. To obtain fully protected flash, both read
protection and write protection should be active.
Table 5.1. Option Byte Storage
Address
bits [15:8]
bits [7:0]
Notes
0x08040800 Inverse Option Byte 0
Option Byte 0 Configures flash read protection
0x08040802 Inverse Option Byte 1
Option Byte 1 Reserved
0x08040804 Inverse Option Byte 2
Option Byte 2 Available for customer use1
0x08040806 Inverse Option Byte 3
Option Byte 3 Available for customer use1
0x08040808 Inverse Option Byte 4
Option Byte 4 Configures flash write protection
0x0804080A Inverse Option Byte 5
Option byte 5 Configures flash write protection
0x0804080C Inverse Option Byte 6
Option Byte 6 Configures flash write protection2
0x0804080E Inverse Option Byte 7
Option Byte 7 Reserved
Notes:
1.
Option bytes 2 and 3 do not link to any specific hardware functionality other than the option byte loader.
Therefore, they are best used for storing data that requires a hardware verification of the data integrity.
2.
Option byte 6 is reserved/unused in the EM351 due to the smaller flash size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com