Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 58 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 58 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 54Page - Silicon Laboratories EM351-RTR Datasheet HTML 55Page - Silicon Laboratories EM351-RTR Datasheet HTML 56Page - Silicon Laboratories EM351-RTR Datasheet HTML 57Page - Silicon Laboratories EM351-RTR Datasheet HTML 58Page - Silicon Laboratories EM351-RTR Datasheet HTML 59Page - Silicon Laboratories EM351-RTR Datasheet HTML 60Page - Silicon Laboratories EM351-RTR Datasheet HTML 61Page - Silicon Laboratories EM351-RTR Datasheet HTML 62Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 241 page
background image
Rev 1.3
58
7.11. Registers
Note:
Substitute “A”, “B”, or “C” for “x” in the following detailed descriptions.
GPIO_PACFGL: Address: 0x4000B000 Reset: 0x4444
GPIO_PBCFGL: Address: 0x4000B400 Reset: 0x4444
GPIO_PCCFGL: Address: 0x4000B800 Reset: 0x4444
Register 7.1. GPIO_PxCFGL
GPIO_PACFGL: Port A Configuration Register (Low)
GPIO_PBCFGL: Port B Configuration Register (Low)
GPIO_PCCFGL: Port C Configuration Register (Low)
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
Px3_CFG
Px2_CFG
Bit
7
6
5
4
3
2
1
0
Name
Px1_CFG
Px0_CFG
Bitname
Bitfield
Access
Description
Px3_CFG
[15:12]
RW
GPIO configuration control.
0x0: Analog, input or output (GPIO_PxIN always reads 1).
0x1: Output, push-pull (GPIO_PxOUT controls the output).
0x4: Input, floating.
0x5: Output, open-drain (GPIO_PxOUT controls the output).
0x8: Input, pulled up or down (selected by GPIO_PxOUT: 0 = pull-down,
1 = pull-up).
0x9: Alternate output, push-pull (peripheral controls the output).
0xD: Alternate output, open-drain (peripheral controls the output).
Px2_CFG
[11:8]
RW
GPIO configuration control: see Px3_CFG above.
Px1_CFG
[7:4]
RW
GPIO configuration control: see Px3_CFG above.
Px0_CFG
[3:0]
RW
GPIO configuration control: see Px3_CFG above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com