Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 79 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 79 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 75Page - Silicon Laboratories EM351-RTR Datasheet HTML 76Page - Silicon Laboratories EM351-RTR Datasheet HTML 77Page - Silicon Laboratories EM351-RTR Datasheet HTML 78Page - Silicon Laboratories EM351-RTR Datasheet HTML 79Page - Silicon Laboratories EM351-RTR Datasheet HTML 80Page - Silicon Laboratories EM351-RTR Datasheet HTML 81Page - Silicon Laboratories EM351-RTR Datasheet HTML 82Page - Silicon Laboratories EM351-RTR Datasheet HTML 83Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 241 page
background image
79
Rev 1.3
8.3.5. Registers
Note:
Substitute “1” or “2” for “x” in the following detailed descriptions.
SC1_DATA: Address: 0x4000C83C Reset: 0x0
SC2_DATA: Address: 0x4000C03C Reset: 0x0
Register 8.5. SCx_DATA
SC1_DATA: Serial Data Register
SC2_DATA: Serial Data Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
SC_DATA
Bitname
Bitfield
Access
Description
SC_DATA
[7:0]
RW
Transmit and receive data register. Writing to this register adds a byte to the
transmit FIFO. Reading from this register takes the next byte from the
receive FIFO and clears the overrun error bit if it was set.
In UART mode (SC1 only), reading from this register loads the UART status
register with the parity and frame error status of the next byte in the FIFO,
and clears these bits if the FIFO is now empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com