Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 41 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 37Page - Silicon Laboratories EM351-RTR Datasheet HTML 38Page - Silicon Laboratories EM351-RTR Datasheet HTML 39Page - Silicon Laboratories EM351-RTR Datasheet HTML 40Page - Silicon Laboratories EM351-RTR Datasheet HTML 41Page - Silicon Laboratories EM351-RTR Datasheet HTML 42Page - Silicon Laboratories EM351-RTR Datasheet HTML 43Page - Silicon Laboratories EM351-RTR Datasheet HTML 44Page - Silicon Laboratories EM351-RTR Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 241 page
background image
Rev 1.3
41
Figure 6.2. Clocks Block Diagram
PCLK
OSC32K
Produces 6MHz
or 1MHz
SYSCLK
OSCRC
CLK1K
oscillator
Failover monitor
(selects RC when
XTAL fails)
OSCHF
OSC24M
FCLK
CPU
bus
RAM CTRL
RAM
bus
FLITF
Flash
OSC24M_CTRL[0]
OSC24M_CTRL[1]
CPU_CLKSEL[0]
ST_CSR[2]
SLEEPTMR_CFG[0]
SLEEPTMR_CFG[7:4]
DEBUG_EMCR[24]
ADC_CFG[2]
TIMx_SMCR[2:0]
TIMx_OR[1:0]
TIMxCLK
digital in
12MHz
RC
24MHz
XTAL
10kHz
RC
32kHz
digital in
/2
/2
/(2^N)
oscillator
SLEEPTMR_CLKEN[0]
32kHz
XTAL
MAC Timer
counter
SCx
RATEGEN
SysTick
counter
TIMx
counter
ADC
SigmaDelta
Sleep Timer
counter
Watchdog
counter
AND
TRACECLK
digital out
SCxSCLK
digital i/o
/N
(nominal 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com