Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 91 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 91 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 87Page - Silicon Laboratories EM351-RTR Datasheet HTML 88Page - Silicon Laboratories EM351-RTR Datasheet HTML 89Page - Silicon Laboratories EM351-RTR Datasheet HTML 90Page - Silicon Laboratories EM351-RTR Datasheet HTML 91Page - Silicon Laboratories EM351-RTR Datasheet HTML 92Page - Silicon Laboratories EM351-RTR Datasheet HTML 93Page - Silicon Laboratories EM351-RTR Datasheet HTML 94Page - Silicon Laboratories EM351-RTR Datasheet HTML 95Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 241 page
background image
91
Rev 1.3
8.5.4. Interrupts
TWI master controller interrupts are generated on the following events:

Bus command (SC_TWISTART/SC_TWISTOP) completed (0 to 1 transition of SC_TWICMDFIN)

Character transmitted and slave device responded with NACK

Character transmitted (0 to 1 transition of SC_TWITXFIN)

Character received (0 to 1 transition of SC_TWIRXFIN)

Received and lost character while receive FIFO was full (receive overrun error)

Transmitted character while transmit FIFO was empty (transmit underrun error)
To enable CPU interrupts, set the desired interrupt bits in the second-level INT_SCxCFG register, and enable the
top-level SCx interrupt in the NVIC by writing the INT_SCx bit in the INT_CFGSET register.
8.5.5. Registers
Refer to "8.3.5. Registers" on page 79 (in “8.3. SPI—Master Mode” ) for a description of the SCx_DATA,
SCx_RATELIN, and SCx_RATEEXP registers.
Note:
Substitute “1” or “2” for “x” in the following detailed descriptions.
SC1_TWISTAT: Address: 0x4000C844 Reset: 0x0
SC2_TWISTAT: Address: 0x4000C044 Reset: 0x0
Register 8.10. SCx_TWISTAT
SC1_TWISTAT: TWI Status Register
SC2_TWISTAT: TWI Status Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
0
SC_TWICMDFIN SC_TWIRXFIN SC_TWITXFIN SC_TWIRXNAK
Bitname
Bitfield
Access
Description
SC_TWICMDFIN
[3]
R
This bit is set when a START or STOP command completes. It clears on the next TWI
bus activity.
SC_TWIRXFIN
[2]
R
This bit is set when a byte is received. It clears on the next TWI bus activity.
SC_TWITXFIN
[1]
R
This bit is set when a byte is transmitted. It clears on the next TWI bus activity.
SC_TWIRXNAK
[0]
R
This bit is set when a NACK is received from the slave. It clears on the next TWI bus
activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com