Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 55 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 55 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 51Page - Silicon Laboratories EM351-RTR Datasheet HTML 52Page - Silicon Laboratories EM351-RTR Datasheet HTML 53Page - Silicon Laboratories EM351-RTR Datasheet HTML 54Page - Silicon Laboratories EM351-RTR Datasheet HTML 55Page - Silicon Laboratories EM351-RTR Datasheet HTML 56Page - Silicon Laboratories EM351-RTR Datasheet HTML 57Page - Silicon Laboratories EM351-RTR Datasheet HTML 58Page - Silicon Laboratories EM351-RTR Datasheet HTML 59Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 241 page
background image
55
Rev 1.3

The Schmitt trigger input is connected to the pin.

Reading GPIO_PxIN returns the input at the pin.
Note:
Reading GPIO_PxOUT returns the last value written to the register.
Depending on configuration and usage, GPIO_PxOUT and GPIO_PxIN may not have the same value.
7.6.4. Alternate Output Mode
In this mode, the output is controlled by an on-chip peripheral instead of GPIO_PxOUT and may be configured as
either push-pull or open-drain. Most peripherals require a particular output type – TWI requires an open-drain
driver, for example – but since using a peripheral does not by itself configure a pin, the GPIO_PxCFGH/L registers
must be configured properly for a peripheral’s particular needs. As described in "7.2. Configuration" on page 51,
when more than one peripheral can be the source of output data, registers in addition to GPIO_PxCFGH/L
determine which to use.
When configured in alternate output mode:

The output drivers are enabled and are controlled by the output of an on-chip peripheral:

In open-drain mode: 0 activates the N-MOS current sink; 1 tri-states the pin.

In push-pull mode: 0 activates the N-MOS current sink; 1 activates the P-MOS current source.

The internal pull-up and pull-down resistors are disabled.

The Schmitt trigger input is connected to the pin.
Note:
Reading GPIO_PxIN returns the input to the pin.
Depending on configuration and usage, GPIO_PxOUT and GPIO_PxIN may not have the same value.
7.7. Wake Monitoring
The GPIO_PxWAKE registers specify which GPIOs are monitored to wake the processor. If a GPIO’s wake enable
bit is set in GPIO_PxWAKE, then a change in the logic value of that GPIO causes the EM35x to wake from deep
sleep. The logic values of all GPIOs are captured by hardware upon entering sleep. If any GPIO’s logic value
changes while in sleep and that GPIO’s GPIO_PxWAKE bit is set, then the EM35x wakes from deep sleep. (There
is no mechanism for selecting a specific rising-edge, falling-edge, or level on a GPIO: any change in logic value
triggers a wake event.) Hardware records the fact that GPIO activity caused a wake event, but not which specific
GPIO was responsible. Instead, the Ember software reads the state of the GPIOs on waking to determine this.
The register GPIO_WAKEFILT contains bits to enable digital filtering of the external wakeup event sources: the
GPIO pins, SC1 activity, SC2 activity, and IRQD. The digital filter operates by taking samples based on the
(nominal) 10 kHz RC oscillator. If three samples in a row all have the same logic value, and this sampled logic
value is different from the logic value seen upon entering sleep, the filter outputs a wakeup event.
In order to use GPIO pins to wake the EM35x from deep sleep, the GPIO_WAKE bit in the WAKE_SEL register
must be set. Waking up from GPIO activity does not work with pins configured for analog mode since the digital
logic input is always set to 1 when in analog mode. Refer to "6. System Modules" on page 35 for information on the
EM35x’s power management and sleep modes.
7.8. External Interrupts
The EM35x can use up to four external interrupt sources (IRQA, IRQB, IRQC, and IRQD), each with its own top-
level NVIC interrupt vector. Since these external interrupt sources connect to the standard GPIO input path, an
external interrupt pin may simultaneously be used by a peripheral device or even configured as an output. Analog
mode is the only GPIO configuration that is not compatible with using a pin as an external interrupt.
External interrupts have individual triggering and filtering options selected using the registers GPIO_INTCFGA,
GPIO_INTCFGB, GPIO_INTCFGC, and GPIO_INTCFGD. The bit field GPIO_INTMOD of the GPIO_INTCFGx
register enables IRQx’s second-level interrupt and selects the triggering mode: 0 is disabled; 1 for rising edge; 2 for
falling edge; 3 for both edges; 4 for active high level; 5 for active low level. The minimum width needed to latch an
unfiltered external interrupt in both level- and edge-triggered mode is 80 ns. With the digital filter enabled (the
GPIO_INTFILT bit in the GPIO_INTCFGx register is set), the minimum width needed is 450 ns.
The register INT_GPIOFLAG is the second-level interrupt flag register that indicates pending external interrupts.
Writing 1 to a bit in the INT_GPIOFLAG register clears the flag while writing 0 has no effect. If the interrupt is level-
triggered, the flag bit is set again immediately after being cleared if its input is still in the active state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com