Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 38 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 38 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 34Page - Silicon Laboratories EM351-RTR Datasheet HTML 35Page - Silicon Laboratories EM351-RTR Datasheet HTML 36Page - Silicon Laboratories EM351-RTR Datasheet HTML 37Page - Silicon Laboratories EM351-RTR Datasheet HTML 38Page - Silicon Laboratories EM351-RTR Datasheet HTML 39Page - Silicon Laboratories EM351-RTR Datasheet HTML 40Page - Silicon Laboratories EM351-RTR Datasheet HTML 41Page - Silicon Laboratories EM351-RTR Datasheet HTML 42Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 241 page
background image
38
Rev 1.3
6.2.1.2. nRESET Pin
A single active low pin, nRESET, is provided to reset the system. This pin has a Schmitt triggered input.
To afford good noise immunity and resistance to switch bounce, the pin is filtered with the Reset Filter module and
generates the pin reset source, nRESET, to the Reset Generation module. Table 6.4 contains the specification for
the filter.
6.2.1.3. Watchdog Reset
The EM35x contains a watchdog timer (see also "6.4.1. Watchdog Timer" on page 45) that is clocked by the
internal 1 kHz timing reference. When the timer expires it generates the reset source WATCHDOG_RESET to the
Reset Generation module.
6.2.1.4. Software Reset
The ARM® CortexTM-M3 CPU can initiate a reset under software control. This is indicated with the reset source
SYSRESETREQ to the Reset Generation module.
6.2.1.5. Option Byte Error
The flash memory controller contains a state machine that reads configuration information from the information
blocks in the flash at system start time. An error check is performed on the option bytes that are read from flash
and, if the check fails, an error is signaled that provides the reset source OPT_BYTE_ERROR to the Reset
Generation module.
If an option byte error is detected, the system restarts and the read and check process is repeated. If the error is
detected again the process is repeated but stops on the 3rd failure. The system is then placed into an emulated
deep sleep where recovery is possible. In this state, flash memory readout protection is forced active to prevent
secure applications from being compromised.
6.2.1.6. Debug Reset
The Serial Wire/JTAG Interface (SWJ) provides access to the SWJ Debug Port (SWJ-DP) registers. By setting the
register bit CDBGRSTREQ in the SWJ-DP, the reset source CDBGRSTREQ is provided to the Reset Generation
module.
6.2.1.7. JRST
One of the EM35x’s pins can function as the JTAG reset, conforming to the requirements of the JTAG standard.
This input acts independently of all other reset sources and, when asserted, does not reset any on-chip hardware
except for the JTAG TAP. If the EM35x is in the Serial Wire mode or if the SWJ is disabled, this input has no effect.
Table 6.4. Reset Filter Specification for nRESET
Parameter
Min
Typ
Max
Unit
Reset filter time constant
2.1
12.0
16.0
µs
Reset pulse width to guarantee a reset
26.0
—
—
µs
Reset pulse width guaranteed not to cause a reset
0
—
1.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com