Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 40 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 40 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 36Page - Silicon Laboratories EM351-RTR Datasheet HTML 37Page - Silicon Laboratories EM351-RTR Datasheet HTML 38Page - Silicon Laboratories EM351-RTR Datasheet HTML 39Page - Silicon Laboratories EM351-RTR Datasheet HTML 40Page - Silicon Laboratories EM351-RTR Datasheet HTML 41Page - Silicon Laboratories EM351-RTR Datasheet HTML 42Page - Silicon Laboratories EM351-RTR Datasheet HTML 43Page - Silicon Laboratories EM351-RTR Datasheet HTML 44Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 241 page
background image
40
Rev 1.3
Table 6.5 shows which reset sources generate certain resets.
6.3. Clocks
The EM35x integrates four oscillators:

12 MHz RC oscillator

24 MHz crystal oscillator

10 kHz RC oscillator

32.768 kHz crystal oscillator
Figure 6.2 shows a block diagram of the clocks in the EM35x. This simplified view shows all the clock sources and
the general areas of the chip to which they are routed.
Table 6.5. Generated Resets
Reset Source
Reset Generation Module Output
PORESET
SYSRESET
DAPRESET
PRESETHV PRESETLV
POR HV
X
X
X
X
X
POR LV (due to waking from
normal deep sleep)
X
X
X
X
POR LV (not due to waking from
normal deep sleep)
X
X
X
X
X
nRESET
X
X
X
X
Watchdog
X
X
X
SYSRESETREQ
X
X
X
Option byte error
X
X
X
Normal deep sleep
X
X
X
X
Emulated deep sleep
X
X
Debug reset
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com