Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 87 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 87 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 83Page - Silicon Laboratories EM351-RTR Datasheet HTML 84Page - Silicon Laboratories EM351-RTR Datasheet HTML 85Page - Silicon Laboratories EM351-RTR Datasheet HTML 86Page - Silicon Laboratories EM351-RTR Datasheet HTML 87Page - Silicon Laboratories EM351-RTR Datasheet HTML 88Page - Silicon Laboratories EM351-RTR Datasheet HTML 89Page - Silicon Laboratories EM351-RTR Datasheet HTML 90Page - Silicon Laboratories EM351-RTR Datasheet HTML 91Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 241 page
background image
87
Rev 1.3
8.4.5. Interrupts
SPI slave controller second-level interrupts are generated on the following events:

Transmit FIFO empty and last character shifted out (depending on SCx_INTMODE, either the 0 to 1
transition or the high level of SC_SPITXIDLE)

Transmit FIFO changed from full to not full (depending on SCx_INTMODE, either the 0 to 1 transition or the
high level of SC_SPITXFREE)

Receive FIFO changed from empty to not empty (depending on SCx_INTMODE, either the 0 to 1 transition
or the high level of SC_SPIRXVAL)

Transmit DMA buffer A/B complete (1 to 0 transition of SC_TXACTA/B)

Receive DMA buffer A/B complete (1 to 0 transition of SC_RXACTA/B)

Received and lost character while receive FIFO was full (receive overrun error)

Transmitted character while transmit FIFO was empty (transmit underrun error)
To enable CPU interrupts, set desired interrupt bits in the second-level INT_SCxCFG register, and also enable the
top-level SCx interrupt in the NVIC by writing the INT_SCx bit in the INT_CFGSET register.
8.4.6. Registers
Refer to Registers (in the SPI Master Mode "8.3. SPI—Master Mode" on page 76) for a description of the
SCx_DATA, SCx_SPICFG, and SCx_SPISTAT registers.
8.5. TWI—Two Wire serial Interfaces
Both EM35x serial controllers SC1 and SC2 include a Two Wire serial Interface (TWI) master controller with the
following features:

Uses only two bidirectional GPIO pins

Programmable clock frequency (up to 400 kHz)

Supports both 7-bit and 10-bit addressing

Compatible with Philips' I2C-bus slave devices
8.5.1. GPIO Usage
The TWI master controller uses just two signals:

SDA (Serial Data) - bidirectional serial data

SCL (Serial Clock) - bidirectional serial clock
Table 8.7 lists the GPIO pins used by the SC1 and SC2 TWI master controllers. Because the pins are configured
as open-drain outputs, they require external pull-up resistors.
Table 8.7. TWI Master GPIO Usage
SDA
SCL
Direction
Input / Output
Input / Output
GPIO Configuration
Alternate Output
(Open Drain)
Alternate Output
(Open Drain)
SC1 Pin
PB1
PB2
SC2 Pin
PA1
PA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com