Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 102 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 102 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 98Page - Silicon Laboratories EM351-RTR Datasheet HTML 99Page - Silicon Laboratories EM351-RTR Datasheet HTML 100Page - Silicon Laboratories EM351-RTR Datasheet HTML 101Page - Silicon Laboratories EM351-RTR Datasheet HTML 102Page - Silicon Laboratories EM351-RTR Datasheet HTML 103Page - Silicon Laboratories EM351-RTR Datasheet HTML 104Page - Silicon Laboratories EM351-RTR Datasheet HTML 105Page - Silicon Laboratories EM351-RTR Datasheet HTML 106Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 241 page
background image
Rev 1.3
102
8.7.1. Registers
Note:
Substitute “1” or “2” for “x” in the following detailed descriptions.
SC1_DMACTRL: Address: 0x4000C830 Reset: 0x0
SC2_DMACTRL: Address: 0x4000C030 Reset: 0x0
Register 8.17. SCx_DMACTRL
SC1_DMACTRL: Serial DMA Control Register
SC2_DMACTRL: Serial DMA Control Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
SC_TXDMARST SC_RXDMARST SC_TXLODB SC_TXLODA SC_RXLODB SC_RXLODA
Bitname
Bitfield
Access
Description
SC_TXDMARST
[5]
W
Setting this bit resets the transmit DMA. The bit clears automatically.
SC_RXDMARST
[4]
W
Setting this bit resets the receive DMA. The bit clears automatically.
SC_TXLODB
[3]
RW
Setting this bit loads DMA transmit buffer B addresses and allows the DMA controller
to start processing transmit buffer B. If both buffer A and B are loaded simultane-
ously, buffer A will be used first. This bit is cleared when DMA completes. Writing a
zero to this bit has no effect.
Reading this bit returns DMA buffer status:
0: DMA processing is complete or idle.
1: DMA processing is active or pending.
SC_TXLODA
[2]
RW
Setting this bit loads DMA transmit buffer A addresses and allows the DMA controller
to start processing transmit buffer A. If both buffer A and B are loaded simultane-
ously, buffer A will be used first. This bit is cleared when DMA completes. Writing a
zero to this bit has no effect.
Reading this bit returns DMA buffer status:
0: DMA processing is complete or idle.
1: DMA processing is active or pending.
SC_RXLODB
[1]
RW
Setting this bit loads DMA receive buffer B addresses and allows the DMA controller
to start processing receive buffer B. If both buffer A and B are loaded simultaneously,
buffer A will be used first. This bit is cleared when DMA completes. Writing a zero to
this bit has no effect.
Reading this bit returns DMA buffer status:
0: DMA processing is complete or idle.
1: DMA processing is active or pending.
SC_RXLODA
[0]
RW
Setting this bit loads DMA receive buffer A addresses and allows the DMA controller
to start processing receive buffer A. If both buffer A and B are loaded simultaneously,
buffer A will be used first. This bit is cleared when DMA completes. Writing a zero to
this bit has no effect.
Reading this bit returns DMA buffer status:
0: DMA processing is complete or idle.
1: DMA processing is active or pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com