Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 123 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 123 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 119Page - Silicon Laboratories EM351-RTR Datasheet HTML 120Page - Silicon Laboratories EM351-RTR Datasheet HTML 121Page - Silicon Laboratories EM351-RTR Datasheet HTML 122Page - Silicon Laboratories EM351-RTR Datasheet HTML 123Page - Silicon Laboratories EM351-RTR Datasheet HTML 124Page - Silicon Laboratories EM351-RTR Datasheet HTML 125Page - Silicon Laboratories EM351-RTR Datasheet HTML 126Page - Silicon Laboratories EM351-RTR Datasheet HTML 127Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 241 page
background image
123
Rev 1.3
9.3.3.2. External Clock Source Mode 1
This mode is selected when TIM_SMS = 111 in the TIMx_SMCR register. The counter can count at each rising or
falling edge on a selected input. Figure 9.13 shows the registers and signals used in the example that follows.
Figure 9.13. TI2 External Clock Connection Example
For example, to configure the up-counter to count in response to a rising edge on the TI2 input, use the following
procedure:

Configure channel 2 to detect rising edges on the TI2 input: Write TIM_CC2S = 01 in the TIMx_CCMR1
register.

Configure the input filter duration: Write the TIM_IC2F bits in the TIMx_CCMR1 register (if no filter is
needed, keep TIM_IC2F = 0000).
Note:
The capture prescaler is not used for triggering, so it does not need to be configured.

Select rising edge polarity: Write TIM_CC2P = 0 in the TIMx_CCER register.

Configure the timer in external clock mode 1: Write TIM_SMS = 111 in the TIMx_SMCR register.

Select TI2 as the input source: Write TIM_TS = 110 in the TIMx_SMCR register.

Enable the counter: Write TIM_CEN = 1 in the TIMx_CR1 register.
When a rising edge occurs on TI2, the counter counts once and the INT_TIMTIF flag is set. The delay between the
rising edge on TI2 and the actual clock of the counter is due to the resynchronization circuit on the TI2 input. The
relationship between rising edges on TI2 and the resulting counter clocks is shown in Figure 9.14.
Figure 9.14. Control Circuit in External Clock Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com