Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 176 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 176 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 172Page - Silicon Laboratories EM351-RTR Datasheet HTML 173Page - Silicon Laboratories EM351-RTR Datasheet HTML 174Page - Silicon Laboratories EM351-RTR Datasheet HTML 175Page - Silicon Laboratories EM351-RTR Datasheet HTML 176Page - Silicon Laboratories EM351-RTR Datasheet HTML 177Page - Silicon Laboratories EM351-RTR Datasheet HTML 178Page - Silicon Laboratories EM351-RTR Datasheet HTML 179Page - Silicon Laboratories EM351-RTR Datasheet HTML 180Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 241 page
background image
Rev 1.3
176
10.1.5.2. Input Range
The single-ended input range is fixed as 0 V to VREF and the differential input range is fixed as -VREF to +VREF.
10.1.5.3. Sample Time
ADC sample time is programmed by selecting the sampling clock and the clocks per sample.

The sampling clock may be either 1 MHz or 6 MHz. If the ADC_1MHZCLK bit in the ADC_CFG register is
clear, the 6 MHz clock is used; if it is set, the 1 MHz clock is selected. The 6 MHz sample clock offers faster
conversion times but the ADC resolution is lower than that achieved with the 1 MHz clock.

The number of clocks per sample is determined by the ADC_PERIOD bits in the ADC_CFG register.
ADC_PERIOD values select from 32 to 4096 sampling clocks in powers of two. Longer sample times
produce more significant bits. Regardless of the sample time, converted samples are always 16-bits in size
with the significant bits left-aligned within the value.
Table 10.4 shows the options for ADC sample times and the significant bits in the conversion results.
10.2. Interrupts
The ADC has its own top-level interrupt in the NVIC. The ADC interrupt is enabled by writing the INT_ADC bit to
the INT_CFGSET register, and cleared by writing the INT_ADC bit to the INT_CFGCLR register. "11. Interrupt
System" on page 190, describes the interrupt system in detail.
Five kinds of ADC events can generate an ADC interrupt, and each has a bit flag in the INT_ADCFLAG register to
identify the reason(s) for the interrupt:

INT_ADCOVF – an ADC conversion result was ready but the DMA was disabled (DMA buffer overflow).

INT_ADCSAT– the gain correction multiplication exceeded the limits for a signed 16-bit number (gain
saturation).

INT_ADCULDFULL – the DMA wrote to the last location in the buffer (DMA buffer full).

INT_ADCULDHALF – the DMA wrote to the last location of the first half of the DMA buffer (DMA buffer half
full).

INT_ADCDATA – there is data ready in the ADC_DATA register.
Table 10.4. ADC Sample Times*
ADC_PERIOD
Sample
Clocks
Sample Time (µs)
Sample Frequency (kHz)
Significant
Bits
1 MHz Clock
6 MHz Clock
1 MHz Clock
6 MHz Clock
0
32
32
5.33
31.3
188
7
1
64
64
10.7
15.6
93.8
8
2
128
128
21.3
7.81
46.9
9
3
256
256
42.7
3.91
23.4
10
4
512
512
85.3
1.95
11.7
11
5
1024
1024
170
0.977
5.86
12
6
2048
2048
341
0.488
2.93
13
7
4096
4096
682
0.244
1.47
14
*Note:
ADC sample timing is the same whether the EM35x is using the 24 MHz crystal oscillator or the 12 MHz high-speed
RC oscillator. This facilitates using the ADC soon after the CPU wakes from deep sleep, before switching to the crystal
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com