Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 230 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 230 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 226Page - Silicon Laboratories EM351-RTR Datasheet HTML 227Page - Silicon Laboratories EM351-RTR Datasheet HTML 228Page - Silicon Laboratories EM351-RTR Datasheet HTML 229Page - Silicon Laboratories EM351-RTR Datasheet HTML 230Page - Silicon Laboratories EM351-RTR Datasheet HTML 231Page - Silicon Laboratories EM351-RTR Datasheet HTML 232Page - Silicon Laboratories EM351-RTR Datasheet HTML 233Page - Silicon Laboratories EM351-RTR Datasheet HTML 234Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 241 page
background image
230
Rev 1.3
BLOCK
GPIO
4000B000–4000BFFF General Purpose IO
Address
Name
Type
Reset
Description
4000B000
GPIO_PACFGL
RW
4444
Port A Configuration Register (Low)
4000B004
GPIO_PACFGH
RW
4444
Port A Configuration Register (High)
4000B008
GPIO_PAIN
RW
0
Port A Input Data Register
4000B00C
GPIO_PAOUT
RW
0
Port A Output Data Register
4000B010
GPIO_PASET
RW
0
Port A Output Set Register
4000B014
GPIO_PACLR
RW
0
Port A Output Clear Register
4000B400
GPIO_PBCFGL
RW
4444
Port B Configuration Register (Low)
4000B404
GPIO_PBCFGH
RW
4444
Port B Configuration Register (High)
4000B408
GPIO_PBIN
RW
0
Port B Input Data Register
4000B40C
GPIO_PBOUT
RW
0
Port B Output Data Register
4000B410
GPIO_PBSET
RW
0
Port B Output Set Register
4000B414
GPIO_PBCLR
RW
0
Port B Output Clear Register
4000B800
GPIO_PCCFGL
RW
4444
Port C Configuration Register (Low)
4000B804
GPIO_PCCFGH
RW
4444
Port C Configuration Register (High)
4000B808
GPIO_PCIN
RW
0
Port C Input Data Register
4000B80C
GPIO_PCOUT
RW
0
Port C Output Data Register
4000B810
GPIO_PCSET
RW
0
Port C Output Set Register
4000B814
GPIO_PCCLR
RW
0
Port C Output Clear Register
4000BC00
GPIO_DBGCFG
RW
10
GPIO Debug Configuration Register
4000BC04
GPIO_DBGSTAT
R
0
GPIO Debug Status Register
4000BC08
GPIO_PAWAKE
RW
0
Port A Wakeup Monitor Register
4000BC0C
GPIO_PBWAKE
RW
0
Port B Wakeup Monitor Register
4000BC10
GPIO_PCWAKE
RW
0
Port C Wakeup Monitor Register
4000BC14
GPIO_IRQCSEL
RW
F
Interrupt C Select Register
4000BC18
GPIO_IRQDSEL
RW
10
Interrupt D Select Register
4000BC1C
GPIO_WAKEFILT
RW
0
GPIO Wakeup Filtering Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com