Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 40Page - National Semiconductor (TI) PC97338 Datasheet HTML 41Page - National Semiconductor (TI) PC97338 Datasheet HTML 42Page - National Semiconductor (TI) PC97338 Datasheet HTML 43Page - National Semiconductor (TI) PC97338 Datasheet HTML 44Page - National Semiconductor (TI) PC97338 Datasheet HTML 45Page - National Semiconductor (TI) PC97338 Datasheet HTML 46Page - National Semiconductor (TI) PC97338 Datasheet HTML 47Page - National Semiconductor (TI) PC97338 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 221 page
background image
44
www.national.com
Reserved
Reserved
A10
A11
A12
A13
A14
A15
Reserved
Reserved
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
7
654
32
10
Reset
Required
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
(S1BAH)
SCC1 Base Address
Index 45h
High Byte Register
76
543
21
0
Reset
Required
Reserved
A3
A4
A5
A6
A7
A8
A9
(S2BAL)
SCC2 Base Address
Index 46h
Low Byte Register
Reserved
Reserved
A10
A11
A12
A13
A14
A15
Reserved
Reserved
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
7
654
32
10
Reset
Required
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
(S2BAH)
SCC2 Base Address
Index 47h
High Byte Register
76
543
21
0
Reset
Required
Reserved
A3
A4
A5
A6
A7
A8
A9
(FBAL)
FDC Base Address
Index 48h
Low Byte Register
Reserved
Reserved
A10
A11
A12
A13
A14
A15
Reserved
Reserved
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
7
654
32
10
Reset
Required
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
(FBAH)
FDC Base Address
Index 49h
High Byte Register
76
543
21
0
Reset
Required
Reserved
A1
A2
A3
A4
A5
A6
A7
(SBAL)
SuperI/O Chip Base Address
Index 4Ah
Low Byte Register
A8
A9
A10
A11
A12
A13
A14
A15
A8
A9
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
7
654
32
10
Reset
Required
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
(SBAH)
SuperI/O Chip Base Address
Index 4Bh
High Byte Register
76
543
21
0
Reset
Required
0
0
0
0
0
x
0
x
(SIRQ1)
System IRQ Input 1
Index 4Ch
Configuration Register
Invert SIRQI1
SIRQI1 Status
Select IRQ15, SIRQI1 or DRQ3
SIRQI1 Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com