Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 49Page - National Semiconductor (TI) PC97338 Datasheet HTML 50Page - National Semiconductor (TI) PC97338 Datasheet HTML 51Page - National Semiconductor (TI) PC97338 Datasheet HTML 52Page - National Semiconductor (TI) PC97338 Datasheet HTML 53Page - National Semiconductor (TI) PC97338 Datasheet HTML 54Page - National Semiconductor (TI) PC97338 Datasheet HTML 55Page - National Semiconductor (TI) PC97338 Datasheet HTML 56Page - National Semiconductor (TI) PC97338 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 221 page
background image
53
www.national.com
1 - Pin 98 (PQFP) or pin 96 (TQFP) is ADRATE0
open drain output. ADRATE0 has the same
value as DRATE0.
Bit 1 - Reserved
This bit is reserved.
Bit 2 - Enhanced TDR Support
0 - TDR read is a function of bit 0 of the FCR
configuration register.
1 - The Chip provides enhanced TDR support.
Bit 3 - PNF Status
This bit reflects the value of the PNF pin. It is a
read only bit; data written to this bit is ignored. It is
undefined when the pin is configured as DRV2 or
DR23.
This bit is undefined when the pin is configured as
DRV2, DR23, SIRQI3 or IRSL2/
ID2.
Bit 4 - Select DENSEL or ADRATE1
Controls the behavior of pin 48 in the PQFP pack-
age or of pin 46 in the TQFP package.
0 - The pin is used for DENSEL.
1 - The pin is used for ADRATE1.
Bit 5 - ECP CNFGA Bit
The value of this pin is reflected on bit 3 of CNFGA
ECP register.
Bit 6 - DENSEL Polarity
This bit controls the polarity of the DENSEL signal.
Upon reset this bit is initialized to 1, thus selecting
active high DENSEL for 500 Kbps, 1 Mbps and
2 Mbps data rates
0 - DENSEL is active low for data transmission
rates of 500 Kbps, 1 Mbps and 2 Mbps data
rates and active high for rates 250 Kbps and
300 Kbps.
1 - DENSEL is active low for data transmission
rates of 250 Kbps, 300 Kbps data rates and
active high for rates of 500 Kbps, 1 Mbps and
2 Mbps. (Default)
Bit 7 - System Operation Mode
The Chip can be configured to either AT or PS/2
mode.
Upon reset this bit is initialized to 1, thus selecting
AT mode.
0 - PS/2 mode.
1 - AT mode. (Default)
2.3.11 Chip Select 0 Low Address
Register (CS0LA), Index 0Ah
This register holds the low address bits of the moni-
tored I/O address. See CS0HA and CS0CF for com-
plementary description. Bit 0 holds A0
FIGURE 12. CS0LA Register Bitmap
2.3.12 Chip Select 0 Configuration
Register (CS0CF), Index 0Bh
This register controls the behavior of the CS0 pin.
CS0 is asserted on non-DMA PIO cycles, when RD or
WR is asserted. CS0 can be asserted only on reads,
or on writes or on all cycles. The register is initialized
to 0 during reset.
FIGURE 13. CS0CF Register Bitmap
Bits 2-0 - Reserved
These bits are reserved.
Bit 3 - Number of Decoded Address Bits
0 - During reset, if CFG0 = 0, decode 16 address
bits (A15-A0) and compare them to CS0HA
and CS0LA bits.
During reset, if CFG0 = 1, decode 11 address
bits (A10-A0) and compare them to bits 2-0 of
CS0HA and bits 7-0 of CS0LA. Bits 7-3 of
CS0HA are ignored.
76
543
21
0
(CS0LA)
Reset
Required
Chip Select 0
Index 0Ah
Low Address Register
A0
A1
A2
A3
A4
A5
A6
A7
76
543
21
0
Reset
Required
0
0
0
0
0
0
0
0
Reserved
Reserved
Reserved
Reserved
Reserved
(CS0CF)
Chip Select 0
Index 0Bh
Configuration Register
Number of Decoded Address Bits
CS0 Assert Enable (Write)
CS0 Assert Enable (Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com