Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 52Page - National Semiconductor (TI) PC97338 Datasheet HTML 53Page - National Semiconductor (TI) PC97338 Datasheet HTML 54Page - National Semiconductor (TI) PC97338 Datasheet HTML 55Page - National Semiconductor (TI) PC97338 Datasheet HTML 56Page - National Semiconductor (TI) PC97338 Datasheet HTML 57Page - National Semiconductor (TI) PC97338 Datasheet HTML 58Page - National Semiconductor (TI) PC97338 Datasheet HTML 59Page - National Semiconductor (TI) PC97338 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 221 page
background image
56
www.national.com
2.3.18 SuperI/O Chip Configuration
Register 1 (SCF1), Index 18h
Upon reset, SCF1 is initialized to xx00000x.
FIGURE 19. SCF1 Register Bitmap
Bit 0 - Reserved
This bit is reserved.
Bits 2,1 - ECP DMA Number
Reported ECP DMA number, as reflected on bits
1,0 of the CNFGB ECP register. Bit 2 of SCF1 is
reflected on bit 1 of CNFGB and bit 1 of SCF1 on
bit 0 of CNFGB.
Microsoft’s ECP Protocol and ISA Interface Stan-
dard defines these bits as shown in Table 18.
TABLE 18. ECP DMA Option Selection
Bits 5-3 - Parallel Port DMA Plug and Play Support
Upon reset these bits are initialized to 000.
When a DMA request signal, i.e., DRQ0, DRQ1,
DRQ2 or DRQ3, is not configured as an FDC DMA
request signal, a parallel port DMA request signal
or a SCC2 DMA request signal, it is in TRI-STATE.
When a DMA acknowledge signal, i.e., DACK0,
DACK1, DACK2 or DACK3, is not configured as
an FDC DMA acknowledge signal, a parallel port
DMA acknowledge signal or a SCC2 DMA ac-
knowledge signal, it is ignored.
TABLE 19. Parallel Port Plug and Play DMA Set-
tings
Bits 7-6 - Reserved
These bits are reserved.
Bit 2
Bit 1
Selected DMA Option
0
0
Jumpered 8-bit DMA (Default)
0
1
DMA Channel 1 selected
1
0
DMA Channel 2 selected
1
1
DMA Channel 3 selected
Reserved
Reserved
Reserved
ECP DMA Number
Parallel Port DMA
Plug and Play Support
76
543
21
0
Register 1 (SCF1)
Reset
Required
Index 18h
x
0
0
0
0
0
x
x
SuperI/O Chip
Configuration
Bit 5 Bit 4 Bit 3
Parallel Port DMA
Plug and Play Setting
0
0
0
Disabled. Parallel port’s DMA is
not connected to any ISA DMA
channel, i.e., it is not connected to
any of the chip’s DMA pins.
It is the software’s responsibility to
route all DMA sources onto the
ISA DMA channels correctly.
0
0
1
Parallel port‘s DMA request and
acknowledge signals are
connected to DRQ0 and DACK0
pins.
0
1
0
Parallel port‘s DMA request and
acknowledge signals are
connected to DRQ1 and DACK1
pins.
0
1
1
Parallel port‘s DMA request and
acknowledge signals are
connected to DRQ2 and DACK2
pins.
1
0
0
Parallel port‘s DMA request and
acknowledge signals are
connected to DRQ3 and DACK3
pins.
101
Reserved
110
Reserved
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com