Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 92Page - National Semiconductor (TI) PC97338 Datasheet HTML 93Page - National Semiconductor (TI) PC97338 Datasheet HTML 94Page - National Semiconductor (TI) PC97338 Datasheet HTML 95Page - National Semiconductor (TI) PC97338 Datasheet HTML 96Page - National Semiconductor (TI) PC97338 Datasheet HTML 97Page - National Semiconductor (TI) PC97338 Datasheet HTML 98Page - National Semiconductor (TI) PC97338 Datasheet HTML 99Page - National Semiconductor (TI) PC97338 Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 221 page
background image
96
www.national.com
3.6.4
The FORMAT TRACK Command
This command formats one track on the disk in IBM,
ISO, or Toshiba perpendicular format.
After a pulse from the INDEX signal is detected, data
patterns are written on the disk including all gaps, Ad-
dress Marks (AMs), address fields and data fields.
See Figure 58.
The format of the track is determined by the following
parameters:
• The MFM bit in the opcode (first command) byte,
which indicates the type of the disk drive and the
data transfer rate and determines the format of the
address marks and the encoding scheme.
• The Index Address Format (IAF) bit (bit 6 in the
second command phase byte) in the MODE com-
mand, which selects IBM or ISO format.
• The Group Drive Configuration (GDC) bits in the
PERPENDICULAR MODE command, which se-
lect either conventional or Toshiba perpendicular
format.
• A bytes-per-sector code, which determines the
sector size. See Table 44 on page 97.
• A sectors per track parameter, which specifies
how many sectors are formatted on the track.
• The data pattern byte, which is used to fill the data
field of each sector.
Table 45 shows typical values for these parameters
for specific PC compatible diskettes.
To allow flexible formatting, the microprocessor must
supply the four address field bytes (track number,
head number, sector number, bytes-per-sector code)
for each sector formatted during the execution phase.
This allows non-sequential sector interleaving.
This transfer of bytes from the microprocessor to the
controller can be done in DMA or non-DMA mode
(See Section 3.4.2 on page 85), with the FIFO en-
abled or disabled.
The FORMAT TRACK command terminates when a
pulse from the INDEX signal is detected a second
time, at which point an interrupt is generated.
Command Phase
First Command Phase Byte, Opcode
Bit 6 - Modified Frequency Modulation (MFM)
This bit indicates the type of the disk drive and the
data transfer rate, and determines the format of
the address marks and the encoding scheme.
0 - FM mode, i.e., single density.
1 - MFM mode, i.e., double density.
Second Command Phase Byte
Bits 1,0 - Logical Drive Select (DS1,0)
These bits indicate which logical drive is active.
They reflect the values of bits 1,0 of the Digital
Output Register (DOR) described on page 88 and
of result phase status registers 0 and 3 (ST0 and
ST3) described on pages 88 and 91, respectively.
00 - Drive 0 is selected. (Default)
01 - Drive 1 is selected.
10 - If four drives are supported, or drives 2 and 0
are exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is select-
ed.
Bit 2 - Head Select (HD)
This bit indicates which side of the Floppy Disk
Drive (FDD) is selected by the head. Its value is
the inverse of the HDSEL disk interface output sig-
nal.
This bit reflects the value of bit 3 of Status Register
A (SRA) described on page 76 and bit 2 of result
phase status registers 0 and 3 (ST0 and ST3) de-
scribed on pages 88 and 91, respectively.
0 - HDSEL is not active, i.e., the head of the FDD
selects side 0. (Default)
1 - HDSEL is active, i.e., the head of the FDD se-
lects side 1.
Third Command Phase Byte -
Bytes-Per-Sector Code
This byte contains a code in hexadecimal format
that indicates the number of bytes in a data field.
7654
3210
0
MFM
00
1101
XXX
XX
HD
DS1
DS0
Bytes-Per-Sector Code
Sectors per Track
Bytes in Gap 3
Data Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com