Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 75Page - National Semiconductor (TI) PC97338 Datasheet HTML 76Page - National Semiconductor (TI) PC97338 Datasheet HTML 77Page - National Semiconductor (TI) PC97338 Datasheet HTML 78Page - National Semiconductor (TI) PC97338 Datasheet HTML 79Page - National Semiconductor (TI) PC97338 Datasheet HTML 80Page - National Semiconductor (TI) PC97338 Datasheet HTML 81Page - National Semiconductor (TI) PC97338 Datasheet HTML 82Page - National Semiconductor (TI) PC97338 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 221 page
background image
79
www.national.com
3.3.5
Tape Drive Register (TDR),
Offset 011
The TDR register is a read/write register that acts as
the Floppy Disk Controller’s (FDC) media and drive
type register.
The bits of the TDR register function differently, de-
pending on the drive mode configured by bit 0 of the
Function Control configuration Register (FCR) (page
48), bit 2 of the Advanced SuperI/O Chip (ASC) con-
figuration register (page 52) and bits 1 and 0 of Su-
perI/O Chip configuration register 2 (SCF2) (page 58).
See Table 38.
The TDR drive modes are:
• PC-AT Compatible
• Automatic Media Sense
• Enhanced
PC-AT Compatible TDR Drive Mode
When bit 0 of FCR is 1, and bit 2 of ASC is 0, the TDR
assigns a drive number to the tape drive support
mode of the data separator. All other logical drives
can be assigned as floppy drive support. Bits 7-2 are
in TRI-STATE during read operations.
Automatic Media Sense TDR Drive Mode
When bit 0 of FCR is 0, and bit 2 of ASC is 0, bits 7-5
of TDR are implemented, in addition to the bits that
support Compatible AT TDR mode. Bits 4-2 are re-
served.
Enhanced TDR Drive Mode
When bit 0 of FCR is 0, and bit 2 of ASC is 0, the TDR
uses all its bits for operation with PS/2 floppy disk
drives, except for bit 4 which is reserved.
FIGURE 48. TDR Register Bitmap
Bits 1,0 - Tape Drive Select 1,0
These bits assign a logical drive number to a tape
drive. Drive 0 is not available as a tape drive and
is reserved as the floppy disk boot drive.
00 - No drive selected.
01 - Drive 1 selected.
10 - Drive 2 selected.
11 - Drive 3 selected.
7
654
32
10
Reset
Required
0
0
1
Tape Drive
Register (TDR)
Offset 011
Reserved
Valid Data
High Density
Extra Density
Tape Drive Select1,0
Logical Drive Control 1,0
Automatic Media Sense
and Enhanced TDR Drive
Enhanced TDR Drive Mode Only
Modes Only
TABLE 38. TDR Bit Utilization and Reset Values in Different Drive Modes
TDR Drive Mode
Bit 0
of
FCR
Bit 2
of
ASC
Bits of TDR
Extra
Density
High
Density
Valid
Data
Reserved
Logical Drive
Control
Drive Select
765
4
3
2
1
0
PC-AT Compatible
1
0
Not used. In TRI-STATE during read operations.
0
0
Automatic Media
Sense
00
Not
Reset
Not
Reset
Not
Reset
Reserved
0
0
Enhanced
0 or 1
1
Not
Reset
Not
Reset
Not
Reset
1
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com