Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 73Page - National Semiconductor (TI) PC97338 Datasheet HTML 74Page - National Semiconductor (TI) PC97338 Datasheet HTML 75Page - National Semiconductor (TI) PC97338 Datasheet HTML 76Page - National Semiconductor (TI) PC97338 Datasheet HTML 77Page - National Semiconductor (TI) PC97338 Datasheet HTML 78Page - National Semiconductor (TI) PC97338 Datasheet HTML 79Page - National Semiconductor (TI) PC97338 Datasheet HTML 80Page - National Semiconductor (TI) PC97338 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 221 page
background image
77
www.national.com
0 - WGATE is not active. The write circuitry of the
selected FDD is disabled.
1 - WGATE is active. The write circuitry of the se-
lected FDD is enabled. (Default)
Bit 3 - Read Data Status (RDATA)
If read data was sent, this bit indicates whether an
odd or even number of bits was sent.
Every inactive edge transition of the RDATA disk
interface output signal causes this bit to change
state.
0 - Either no read data was sent or an even num-
ber of bits of read data was sent. (Default)
1 - An odd number of bits of read data was sent.
Bit 4 - Write Data (WDATA)
If write data was sent, this bit indicates whether an
odd or even number of bits was sent.
Every inactive edge transition of the WDATA disk
interface output signal causes this bit to change
state.
0 - Either no write data was sent or an even num-
ber of bits of write data was sent. (Default)
1 - An odd number of bits of write data was sent.
Bit 5 - Drive Select 0 Status
This bit reflects the status of drive select bit 0 in the
Digital Output Register (DOR). See Section 3.3.4.
It is cleared after a hardware reset and unaffected
by a software reset.
0 - Either drive 0 or 2 is selected. (Default)
1 - Either drive 1 or 3 is selected.
Bits 7,6 - Reserved
These bits are reserved and are always 1.
3.3.4
Digital Output Register (DOR),
Offset 010
DOR is a read/write register that can be written at any
time. It controls the drive select and motor enable disk
interface output signals, enables the DMA logic and
contains a software reset bit.
The contents of the DOR is set to 00h after a hard-
ware reset, and is unaffected by a software reset.
Table 36 shows how the bits of DOR select a drive
and enable a motor when bit 4 of the Function Enable
Register (FER) is 1. Bit patterns not shown produce
states that should not be decoded to enable any drive
or motor.
When bit 4 of the Function Enable Register (FER) is
1, MTR1 presents a pulse that is the inverse of WR.
This pulse is active whenever an I/O write to address
3F2h or 372h occurs. This pulse is delayed for be-
tween 25 and 80 nsec after the leading edge of WR.
The leading edge of this pulse can be used to clock
data into an external latch (e.g., 74LS175).
Address 3F2h is used if the FDC is located at the pri-
mary address (bit 5 of FER is 0) and address 372h is
used if the FDC is located at the secondary address
(bit 5 of FER is 1). See Table 9 on page 46.
TABLE 36. Drive and Motor Pin Encoding When
FER 4 = 1
Usually, the motor enable and drive select output sig-
nals for a particular drive are enabled together. Table
37 shows the DOR hexadecimal values that enable
each of the four drives.
TABLE 37. Drive Enable Hexadecimal Values
Digital Output
Register Bits
Control
Signals
Decoded
Functions
MTR DR
76 5432101010
xxx 1 x x 0 0 - 0 0 0
Activate Drive 0
and Motor 0
xx 1 xxx 0 1 - 0 0 1
Activate Drive 1
and Motor 1
x 1 xxxx 1 0 - 0 1 0
Activate Drive 2
and Motor 2
1 xxxxx 1 1 - 0 1 1
Activate Drive 3
and Motor 3
xxx 0 x x 0 0 - 1 0 0
Activate Drive 0
and Deactivate
Motor 0
xx 0 xxx 0 1 - 1 0 1
Activate Drive 1
and deactivate
Motor 1
x 0 xxxx 1 0 - 1 1 0
Activate Drive 2
and Deactivate
Motor 2
0 xxxxx 1 1 - 1 1 1
Activate Drive 3
and Deactivate
Motor 3
Drive
DOR Hexadecimal Value
01C
12D
24E
38F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com