Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 95Page - National Semiconductor (TI) PC97338 Datasheet HTML 96Page - National Semiconductor (TI) PC97338 Datasheet HTML 97Page - National Semiconductor (TI) PC97338 Datasheet HTML 98Page - National Semiconductor (TI) PC97338 Datasheet HTML 99Page - National Semiconductor (TI) PC97338 Datasheet HTML 100Page - National Semiconductor (TI) PC97338 Datasheet HTML 101Page - National Semiconductor (TI) PC97338 Datasheet HTML 102Page - National Semiconductor (TI) PC97338 Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 221 page
background image
99
www.national.com
FIGURE 58. IBM, Perpendicular, and ISO Formats Supported by FORMAT TRACK Command
Gap 0
80 of
4E
SYNC
12 of
00
IAM
3 of
C2* FC
Gap 1
50 of
4E
AM
3 of
A1*
FE
T
r
a
c
k
H
e
a
d
S
e
c
t
o
r
#
B
y
t
e
s
C
R
C
Gap 2
22 of
4E
SYNC
12 of
00
SYNC
12 of
00
AM
3 of
A1*
C
R
C
Data
Gap 3
Program-
able
Gap 4
FB
or
F8
Gap 0
80 of
4E
SYNC
12 of
00
IAM
3 of
C2* FC
Gap 1
50 of
4E
AM
3 of
A1*
FE
T
r
a
c
k
H
e
a
d
S
e
c
t
o
r
#
B
y
t
e
s
C
R
C
Gap 2
41 of
4E
SYNC
12 of
00
SYNC
12 of
00
AM
3 of
A1*
C
R
C
Data
Gap 3
Program-
able
Gap 4
FB
or
F8
Gap 1
32 of
4E
AM
3 of
A1*
FE
T
r
a
c
k
H
e
a
d
S
e
c
t
o
r
#
B
y
t
e
s
C
R
C
Gap 2
22 of
4E
SYNC
12 of
00
SYNC
12 of
00
AM
3 of
A1*
C
R
C
Data
Gap 3
Program-
able
Gap 4
FB
or
F8
INDEX Pulse
IBM
Format
(MFM)
Perpendicular
Format
ISO
Format
(MFM)
Index
Field
Address Field
Data Field
Repeated for each sector
A1* = Data Pattern of A1, Clock Pattern of 0A. All other data rates use gap 2 = 22 bytes.
C2* = Data Pattern of C2, Clock Pattern of 14
Toshiba
Address
GAP0
40 of
FF
SYNC
6 of
00
IAM
FC*
GAP1
26 of
FF
AM
FE*
t
r
a
c
k
h
e
a
d
s
e
c
t
o
r
#
b
y
t
e
s
C
R
C
GAP2
11 of
FF
SYNC
6 of
00
SYNC
6 of
00
AM
C
R
C
Data
GAP3
program-
able
GAP4
FB* or
F8*
IBM
Format
(FM)
Result Phase
76
5432
10
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Undefined
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com