Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 94Page - National Semiconductor (TI) PC97338 Datasheet HTML 95Page - National Semiconductor (TI) PC97338 Datasheet HTML 96Page - National Semiconductor (TI) PC97338 Datasheet HTML 97Page - National Semiconductor (TI) PC97338 Datasheet HTML 98Page - National Semiconductor (TI) PC97338 Datasheet HTML 99Page - National Semiconductor (TI) PC97338 Datasheet HTML 100Page - National Semiconductor (TI) PC97338 Datasheet HTML 101Page - National Semiconductor (TI) PC97338 Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 221 page
background image
98
www.national.com
TABLE 46. Typical Gap Values
Drive Type
and Data
Transfer
Rate
Bytes in Data
Field (decimal)
Bytes-Per-Sector
Code (hex)
End of Track (EOT)
Sector # (hex)
Bytes in Gap 2 a
(hex)
a. Gap 2 is specified in the command phase of read, write, scan, and verify commands. Although this is the rec-
ommended value, the FDC ignores this byte in read, write, scan and verify commands.
Bytes in Gap 3 b
(hex)
b. Gap 3 is the suggested value for use in the FORMAT TRACK command. This is the programmable Gap 3 illus-
trated in Figure 58.
125 Kbps
FM
128
00
12
07
09
128
00
10
10
19
256
01
08
18
30
512
02
04
46
87
1024
03
02
C8
FF
2048
04
01
C8
FF
250 Kbps
MFM
256
01
12
0A
0C
256
01
10
20
32
512
02
08
2A
50
512
02
09
2A
50
1024
03
04
80
F0
2048
04
02
C8
FF
4096
05
01
C8
FF
250 Kbps
FM
128
00
1A
07
1B
256
01
0F
0E
2A
512
02
08
1B
3A
1024
03
04
47
8A
2048
04
02
C8
FF
4096
05
01
C8
FF
500 Kbps
MFM
256
01
1A
0E
36
512
02
0F
1B
54
512
02
12
1B
6C
1024
03
08
35
74
2048
04
04
99
FF
4096
05
02
C8
FF
8192
06
01
C8
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com