Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 42Page - National Semiconductor (TI) PC97338 Datasheet HTML 43Page - National Semiconductor (TI) PC97338 Datasheet HTML 44Page - National Semiconductor (TI) PC97338 Datasheet HTML 45Page - National Semiconductor (TI) PC97338 Datasheet HTML 46Page - National Semiconductor (TI) PC97338 Datasheet HTML 47Page - National Semiconductor (TI) PC97338 Datasheet HTML 48Page - National Semiconductor (TI) PC97338 Datasheet HTML 49Page - National Semiconductor (TI) PC97338 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 221 page
background image
46
www.national.com
1 - In Legacy mode, SCC1 can be accessed at
the address specified by bits 3,2 of the FAR.
In Plug and Play mode, the address is speci-
fied the by S1BAL and S1BAH registers.
Bit 2 - SCC2 Enable
This bit enables SCC2. Any SCC2 interrupt that is
enabled and active or becomes active after SCC2
is disabled asserts the associated IRQ pin when
SCC2 is disabled. If disabling SCC2 via software,
clear ISEN bit (see sec. 5.14.5 on page 159) to 0
before clearing FER bit 2. This is not an issue after
reset because ISEN is 0 until it is written.
0 - Access to SCC2 is blocked and it is in power
down mode. The SCC2 registers retain all
data in power down mode.
1 - In Legacy mode, SCC2 can be accessed at
the address specified by bits 5,4 of the FAR.
In Plug and Play mode, the address is speci-
fied by the S2BAL and S2BAH registers.
Bit 3 - FDC Enable
This bit enables the FDC
0 - Access to the FDC is blocked and it is in pow-
er down mode. The FDC registers retain all
data in power down mode.
1 - FDC can be accessed at the address speci-
fied by bit 5 of FER in Legacy mode, and by
the FBAL and FBAH registers in Plug and
Play mode.
Bit 4 - FDC Four-Drive Encoding
0 - The Chip can control two floppy disk drives di-
rectly without an external decoder.
1 - The two drive select signals and two motor
enable signals from the FDC are encoded so
that four floppy disk drives can be controlled.
See Table 10.
Controlling four FDDs requires an external de-
coder. The pin states shown in Table 10 are a
direct result of the bit patterns shown. All oth-
er bit patterns produce pin states that should
not be decoded to enable any drive or motor.
Bit 5 - Primary or Secondary FDC Address
In Legacy mode, this bit selects the primary or sec-
ondary FDC address. See Table 9.
In Plug and Play mode, this bit is ignored.
TABLE 9. Primary and Secondary Drive Address
Selection
Bits 7,6 - Reserved
These bits are reserved.
Bit 5 of FER
PC-AT Mode
0
Primary: 3F0-7h
1
Secondary: 370-7h
TABLE 10. Encoded Drive and Motor Pin Information (Bit 4 of FER = 1)
Note:
When bit 4 of the FER register = 1, MTR1 presents a pulse that is the inverted image of the IOW strobe. This
inverted pulse is active whenever an I/O write to address 3F2h or 372h takes place. This pulse is delayed by
25 - 80 nsec after the leading edge of IOW and its leading edge can be used to clock data into an external
Digital Output Register
Drive Control Pins
Decoded Functions
76543210
MTR1 MTR0
DR1
DR0
x
x
x
1
x
x
0
0
Note
0
0
0
Activate drive 0 and motor 0
x
x
1
x
x
x
0
1
Note
0
0
1
Activate drive 1 and motor 1
x
1
xxxx
1
0
Note
0
1
0
Activate drive 2 and motor 2
1
xxxxx
1
1
Note
0
1
1
Activate drive 3 and motor 3
x
x
x
0
x
x
0
0
Note
1
0
0
Activate drive 0 and deactivate motor 0
x
x
0
x
x
x
0
1
Note
1
0
1
Activate drive 1 and deactivate motor 1
x
0
xxxx
1
0
Note
1
1
0
Activate drive 2 and deactivate motor 2
0
xxxxx
1
1
Note
1
1
1
Activate drive 3 and deactivate motor 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com