Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 47Page - National Semiconductor (TI) PC97338 Datasheet HTML 48Page - National Semiconductor (TI) PC97338 Datasheet HTML 49Page - National Semiconductor (TI) PC97338 Datasheet HTML 50Page - National Semiconductor (TI) PC97338 Datasheet HTML 51Page - National Semiconductor (TI) PC97338 Datasheet HTML 52Page - National Semiconductor (TI) PC97338 Datasheet HTML 53Page - National Semiconductor (TI) PC97338 Datasheet HTML 54Page - National Semiconductor (TI) PC97338 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 221 page
background image
51
www.national.com
Bit 4 - PD and IDLE or IRSL2/
ID2 Enable
This is the PD and IDLE (FDC power management
output signals) or IRSL2/
ID2 enable bit. When bit
2 of the SCF3 register is 1, IRSL2 controls pin 43
(PQFP) or 41 (TQFP) instead of MTR1 or IDLE.
See Tables 16 and 17.
ID2 is available only in
PC97338.
0 - MTR1 or IRSL2/
ID2 controls pin 43 (PQFP) or
41 (TQFP), and DR1 controls pin 45 (PQFP)
or 43 (TQFP).
1 - IDLE or IRSL2/
ID2 controls pin 43 (PQFP) or
41 (TQFP), and PD controls pin 45 (PQFP) or
43 (TQFP).
TABLE 16. Bit Settings to Enable MRT1, IDLE or
IRSL2
TABLE 17. Bit Settings to Enable DR1 or PD
Bit 5 - Selective Lock
This bit enables locking of the following configura-
tion bits: bit 5 of PMC (this bit), bit 4 of FER, bits 7
through 0 of FAR, bit 3 of PTR and bit 6 of FCR.
Unlike bit 6 of PTR, it does not lock all the config-
uration bits.
Once this bit is set by software it can only be
cleared by a hardware reset. This bit should be
used instead of bit 6 of PTR if a configuration bit
should be dynamically modified by software (like
PMC bits).
0 - No lock, except via bit 6 of PTR.
1 - Any write to the above configuration bits is ig-
nored, until a Master Reset clears this bit.
Bit 6 - Parallel Port (PPM) TRI-STATE Enable
This bit enables reduction in power consumption,
when the SuperI/O chip is in power-down mode, or
the parallel port is disabled, by placing the PPM
output signals in TRI-STATE, and blocking the
PPM input signals.
0 - The parallel port pins are enabled.
1 - If the parallel port is disabled, or the Super I/O
chip is in power-down mode, the output sig-
nals of the parallel port, pins (except the Par-
allel Port-allocated interrupt line]) are in TRI-
STATE, and the input signals are blocked to
reduce their leakage currents.
The values of the blocked input signals are:
BUSY=1,
PE=0,
SLCT=0,
ACK=1
and
ERR=1.
Bit 7 - Reserved
This bit is reserved. To maintain compatibility with
future SIO chips, do not modify this bit when this
register is written, i.e., use read-modify-write to
preserve the value of this bit.
2.3.8
Tape, SCCs and Parallel Port
Configuration Register (TUP),
Index 07h
The TUP Register is cleared to 0XX00000 on reset.
FIGURE 9. TUP Register Bitmap
Bit 0 - Reserved
This bit is reserved.
Bit 1 - FDC 2 Mbps Enable
Upon reset, this bit is cleared to 0.
0 - 2 Mbps is not supported by the FDC, and the
FDC clock is 24 MHz. (Default)
1 - 2 Mbps is supported by the FDC, and the
FDC clock is 48 MHz The operating voltage
should be 5 V. See Section 3.1.
Bit 2 - EPP Time-Out Interrupt Enable
0 - The EPP time-out interrupt is masked.
1 - The EPP time-out interrupt is generated on
the selected IRQ line (the Parallel Port-allo-
cated interrupt line), according to bit 6 of PCR.
Bit 2 of
SCF3
Bit 4 of
PMC
Function Selected on Pin #43
(PQFP) or Pin #41 (TQFP)
00
MTR1
01
IDLE
1x
IRSL2
Bit 4 of
PMC
Function Selected on Pin #45
(PQFP) or Pin #43 (TQFP)
0
DR1
1PD
76
54
321
0
(TUP)
Reset
Required
Tape, SCCs and Parallel Port
Index 07h
0
0
0
0
0
X
X
0
Configuration Register
Reserved
FDC 2 Mbps Enable
EPP Time-out Interrupt Enable
Reserved(PC97338)/MIDI(PC87338)
Reserved
IDLE Status
PD Status
IDLE Pin Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com