Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 66Page - National Semiconductor (TI) PC97338 Datasheet HTML 67Page - National Semiconductor (TI) PC97338 Datasheet HTML 68Page - National Semiconductor (TI) PC97338 Datasheet HTML 69Page - National Semiconductor (TI) PC97338 Datasheet HTML 70Page - National Semiconductor (TI) PC97338 Datasheet HTML 71Page - National Semiconductor (TI) PC97338 Datasheet HTML 72Page - National Semiconductor (TI) PC97338 Datasheet HTML 73Page - National Semiconductor (TI) PC97338 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 221 page
background image
70
www.national.com
3.1.2
System Operation Modes
The FDC operates in PC-AT mode or PS/2 mode. The
active mode is determined by bit 7 of the ASC regis-
ter.
PC-AT Mode
The PC-AT register set is enabled. The DMA enable
bit in the Digital Output Register (DOR) becomes valid
(IRQ6 and DRQ can be put in TRI-STATE). TC and
DENSEL become active high signals (defaults to a
5.25" floppy disk drive).
PS/2 Mode
This mode supports the PS/2 models 50/60/80 config-
uration and register set. The value of the DMA enable
bit in the Digital Output Register (DOR) becomes un-
important (IRQ6 and DRQ signals are always valid).
TC and DENSEL become active low signals (default
to 3.5" floppy drive).
3.2
DATA TRANSFER
3.2.1
Data Rates
The FDC supports the standard PC data rates of 250,
300 and 500 Kbps, as well as1 Mbps and 2 Mbps.
High performance tape and floppy disk drives that are
currently emerging in the PC world, transfer data at
1 Mbps. Very high performance tape drives transfer
data at 2 Mbps. The FDC also supports the perpen-
dicular recording mode, a new format used for some
high capacity disk drives at 1 Mbps.
The internal digital data separator needs no external
components. It improves the window margin perfor-
mance standards of the DP8473, and is compatible
with the strict data separator requirements of floppy
disk drives and tape drives.
The FDC contains write precompensation circuitry
that defaults to 125 nsec for 250, 300, and 500 Kbps
(41.67 nsec at 1 Mbps). These values can be overrid-
den in software to disable write precompensation or to
provide levels of precompensation up to 250 nsec.
The FDC has internal 24 mA data bus buffers which
allow direct connection to the system bus. The inter-
nal 40 mA totem-pole disk interface buffers are com-
patible with both CMOS drive input signals and 150 ¾
resistor terminated disk drive input signals.
3.2.2
The Data Separator
The internal data separator is a fully digital PLL. The
fully digital PLL synchronizes the raw data signal read
from the disk drive. The synchronized signal is used
to separate the encoded clock and data pulses. The
data pulses are broken down into bytes, and then sent
to the microprocessor by the controller.
The FDC supports five data transfer rates: 250, 300,
500 Kbps and 1, 2 Mbps in Modified Frequency Mod-
ulation (MFM) format.
In the PC97338 the FDC sup-
ports also the FM encoded data mode.
The FDC has a dynamic window margin and lock
range performance capable of handling a wide range
of floppy disk drives. In addition, the data separator
operates under a variety of conditions, including high
fluctuations in the motor speed of tape drives that are
compatible with floppy disk drives.
The dynamic window margin is the primary indicator
of the quality and performance level of the data sepa-
rator. It indicates the toleration of the data separator
for Motor Speed Variation (MSV) of the drive spindle
motor and bit jitter (or window margin).
Figure 42 shows the dynamic window margin in the
performance of the FDC at different data rates, gen-
erated using a FlexStar FS-540 floppy disk simulator
and a proprietary dynamic window margin test pro-
gram written by National Semiconductor.
FIGURE 42. PC87338/PC97338 Dynamic
Window Margin Performance
The x axis measures MSV. MSV is translated directly
to the actual rate at which the data separator reads
data from the disk. In other words, a faster than nom-
inal motor results in a higher data rate.
-14 -12 -10 -8 -6 -4 -2 0
2448 10 12 14
10
20
30
40
60
70
80
50
Motor Speed Variation (% of Nominal)
250,300, 500 Kbps and 1 Mbps
Typical Performance at 500 Kbps,
VDD = 5.0 V, 25° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com