Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 69Page - National Semiconductor (TI) PC97338 Datasheet HTML 70Page - National Semiconductor (TI) PC97338 Datasheet HTML 71Page - National Semiconductor (TI) PC97338 Datasheet HTML 72Page - National Semiconductor (TI) PC97338 Datasheet HTML 73Page - National Semiconductor (TI) PC97338 Datasheet HTML 74Page - National Semiconductor (TI) PC97338 Datasheet HTML 75Page - National Semiconductor (TI) PC97338 Datasheet HTML 76Page - National Semiconductor (TI) PC97338 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 221 page
background image
73
www.national.com
3.2.6
FDC Low-Power Mode Logic
The FDC of the Chip supports two low-power modes,
manual and automatic. Other low-power modes (also
referred to as power down) of the Chip are described
in Section 7.1.
In low-power mode, the microcode is driven from the
clock, so it will be disabled while the clock is off. If bit
1 of the Power and Test configuration Register (PTR)
is 1, the FDC clock is disabled upon entering this
mode. Upon entering the power-down state, bit 7, the
RQM (Request For Master) bit, in the Main Status
Register (MSR) of the FDC will be cleared to 0.
For details concerning entering and exiting low-power
mode by setting bit 6 of the Data rate Select Register
(DSR) or by executing the LOW PWR option of the
FDC MODE command, see “Recovery from Low-
Power Mode” later in this section, the “Data Rate Se-
lect Register (DSR), Offset 100” on page 82 and Sec-
tion “The MODE Command” on page 101.
The Data rate Select Register (DSR), Digital Output
Register (DOR), and the Configuration Control Regis-
ter (CCR) are unaffected and remain active in power-
down mode. Therefore, you should make sure that
the motor and drive select signals are turned off.
If the power to an external clock driving the Chip will
be independently removed while the FDC is in power-
down mode, it must not be done until 2 msec after the
LOW PWR option of the FDC MODE command is is-
sued.
Manual Low-Power Mode
Manual low power is enabled by writing a 1 to bit 6 of
the DSR. The chip will power down immediately. This
bit will be cleared to 0 after power up.
Manual low power can also be triggered by the MODE
command. Manual low power mode functions as a
logical OR function between the DSR low power bit
and the LOW PWR option of the MODE command.
Automatic Low-Power Mode
Automatic low power mode switches the controller
into low power 500 msec (at the 500 Kbps MFM data
rate) after it has entered the Idle state. Once automat-
ic low-power mode is set, it does not have to be set
again, and the controller automatically goes into low
power mode after entering the Idle state.
Automatic low-power mode can only be set with the
LOW PWR option of the MODE command.
Recovery from Low-Power Mode
There are two ways the FDC section can recover from
the power-down state.
Power up is triggered by a software reset via the DOR
or DSR. Since a software reset requires initialization
of the controller, this method might be undesirable.
Power up is also triggered by a read or write to either
the Data Register (FIFO) or Main Status Register
(MSR). This is the preferred way to power up since all
internal register values are retained. It may take a few
milliseconds for the clock to stabilize, and the micro-
processor will be prevented from issuing commands
during this time through the normal MSR protocol.
That means that bit 7, the Request for Master (RQM)
bit, in the MSR will be a 0 until the clock has stabilized.
When the controller has completely stabilized after
power up, the RQM bit in the MSR is set to 1 and the
controller can continue where it left off.
3.2.7
Reset
The FDC can be reset by hardware or software. A
hardware reset consists of pulsing the Master Reset
(MR) input signal. A hardware reset sets all of the
user addressable registers and internal registers to
their default values. The SPECIFY command values
are unaffected by reset, so they must be initialized
again.
The major default conditions affected by reset are:
• FIFO disabled
• DMA disabled
• Implied seeks disabled
• Drive polling enabled
A software reset can be triggered by bit 2 of the Digital
Output Register (DOR) or bit 7 of the Data rate Select
Register (DSR). Bit 7 of DSR clears itself, while bit 2
of DOR does not clear itself.
If the LOCK bit in the LOCK command was set to 1
before the software reset, the FIFO, THRESH, and
PRETRK parameters in the CONFIGURE command
will be retained. In addition, the FWR, FRD, and BST
parameters in the MODE command will be retained if
LOCK is set to 1. This function eliminates the need for
total initialization of the controller after a software re-
set.
After a hardware (assuming the FDC is enabled in the
FER) or software reset, the Main Status Register
(MSR) is immediately available for read access by the
microprocessor. It will return a 00h value until all the
internal registers have been updated and the data
separator is stabilized.
When the controller is ready to receive a command
byte, the MSR returns a value of 80h (Request for
Master (RQM, bit 7) bit is set). The MSR is guaran-
teed to return the 80h value within 2.5
µsec after a
hardware or software reset. All other user address-
able registers other than the Main Status Register
(MSR) and Data Register (FIFO) can be accessed at
any time, even during software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com