Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 119Page - National Semiconductor (TI) PC97338 Datasheet HTML 120Page - National Semiconductor (TI) PC97338 Datasheet HTML 121Page - National Semiconductor (TI) PC97338 Datasheet HTML 122Page - National Semiconductor (TI) PC97338 Datasheet HTML 123Page - National Semiconductor (TI) PC97338 Datasheet HTML 124Page - National Semiconductor (TI) PC97338 Datasheet HTML 125Page - National Semiconductor (TI) PC97338 Datasheet HTML 126Page - National Semiconductor (TI) PC97338 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 221 page
background image
123
www.national.com
4.0 Parallel Port
4.1
INTRODUCTION
The Parallel Port is a communications device that en-
ables transfer of parallel data bytes between the sys-
tem and an external device. Originally designed to
output data to an external printer, the use of this port
has grown to include additional capabilities such as
bidirectional communications, increased data rates
and additional applications (such as network adap-
tors). Despite additional parallel port capability, back-
ward compatability is maintained to support existing
hardware and software.
4.1.1
The Chip Parallel Port Modes
This parallel interface fully supports the IEEE 1284
standard and EPP 1.7 modes of parallel communica-
tions, in both Legacy or Plug and Play configurations.
It supports two Standard Parallel Port (SPP) modes of
operation for parallel printer ports (as found in the IBM
PC-AT, PS/2 and Centronics systems), two En-
hanced Parallel Port (EPP) modes of operation, and
one Extended Capabilities Port (ECP) mode.
The parallel port output pins are protected against po-
tential damage from connecting an unpowered port to
a powered-up printer.
The functional modes supported by the Chip parallel
port are as follows:
• The Standard Parallel Port (SPP) configuration
supports two operation modes:
— In Compatible SPP mode the port is write-only
(for data). Data transfers are software-con-
trolled, accompanied by status and control
handshake lines.
— In Extended SPP mode, the parallel port be-
comes a read/write port, transferring a full data
byte in both directions.
In these modes, low data rates are achieved (sev-
eral hundred bytes per second).
• The Enhanced Parallel Port (EPP) configuration
supports two modes that offer higher bi-directional
throughput and more efficient hardware-based
handling.
— The EPP revision 1.7 mode has the above ad-
vantages but lacks a comprehensive hand-
shaking scheme to ensure data transfer
integrity between communicating devices with
dissimilar data rates.
The IEEE 1284 standard establishes a widely
accepted handshake and transfer protocol
that ensures transfer data integrity. This stan-
dard is met by all modes in this module except
the EPP revision 1.7 mode.
— EPP revision 1.9 mode offers data transfer en-
hancement, while meeting the IEEE 1284 stan-
dard.
• The Extended Capabilities Port (ECP) mode ex-
tends the port capabilities beyond EPP modes by
adding a bi-directional 16-level FIFO with thresh-
old interrupts, for PIO and DMA operation. In this
mode, the device becomes a hardware state-ma-
chine with highly efficient hardware real-time data
transfer control.
4.1.2
Device Configuration
The functional mode of the parallel port is determined
by setting the appropriate bits in the system configu-
ration registers:
All parallel port functions are enabled by setting bit 0
of the system Function Enable Register (FER) to 1.
SPP is the default mode. In this mode, bit 7 of the PTR
register selects Compatible SPP mode when it is 0
and Extended SPP mode when it is 1.
If bit 0 of the Parallel Port Control Register (PCR) is
set to 1, the device enters EPP mode. Bit 1 of this reg-
isters dictates whether mode 1.7 or 1.9 is active, un-
less the Zero Wait State Enable bit 5 of the Function
Control configuration register (FCR) is set to 1. In this
case, the device is in revision 1.7 mode, regardless of
the value of bit 1 of the PCR register.
When bit 2 of the PCR is set to 1, ECP mode is en-
abled.
The parallel port supports plug and play operation; its
interrupt can be routed on one of the following ISA in-
terrupts: IRQ7-IRQ3, IRQ12-IRQ9 or IRQ15 (see
PNP0 register); its DMA signals can be routed to one
of three 8-bit ISA DMA channels (see PNP2 register);
and its base address is software configurable (see
PBAL and PBAH registers)
4.2
STANDARD PARALLEL PORT
MODES
The two Standard Parallel Port (SPP) modes Com-
patible SPP and Extended SPP modes.
Compatible SPP mode is a data write-only mode that
outputs data to a parallel printer, using handshake
bits, under software control.
In Extended SPP mode, parallel data transfer is bi-di-
rectional.
The list of output signals for the standard 25-pin, D-
type connector appears in Table 72 on page 145.
The reset states for handshake output pins in this
mode are listed below in Table 62.
A single Data Register DTR is used for data input and
output (see Section 4.2.3). The direction of data flow
is determined by the system setting in bit 5 of the Con-
trol Register CTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com