Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 202 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 202 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 198Page - National Semiconductor (TI) PC97338 Datasheet HTML 199Page - National Semiconductor (TI) PC97338 Datasheet HTML 200Page - National Semiconductor (TI) PC97338 Datasheet HTML 201Page - National Semiconductor (TI) PC97338 Datasheet HTML 202Page - National Semiconductor (TI) PC97338 Datasheet HTML 203Page - National Semiconductor (TI) PC97338 Datasheet HTML 204Page - National Semiconductor (TI) PC97338 Datasheet HTML 205Page - National Semiconductor (TI) PC97338 Datasheet HTML 206Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 221 page
background image
202
www.national.com
8.2.12 Group 12
PIN LIST:
IRSL2-0, IRTX
TABLE 122. DC Characteristics of Group 12 Pins
8.2.13 Group 13
PIN LIST:
IOCHRDY, ZWS
TABLE 123. DC Characteristics of Group 13 Pins
8.3
AC ELECTRICAL CHARACTERISTICS
8.3.1
AC Test Conditions TA = 0° C to 70° C, VDD = 5.0 V ± 10%, 3.3 V ± 10%
FIGURE 89. Load Circuit
Parameter
Symbol
Conditions
Min
Max
Unit
Output high voltage
VOH
IOH = − 6 mA
2.4
V
Output low voltage
VOL
IOL = 6 mA
0.4
V
Output high current
IOH
VOH = VCC − 0.2 V
−100
µA
Output low current
IOL
VOL = 0.2 V
100
µA
Parameter
Symbol
Conditions
Min
Max
Unit
5V
3.3V
Output high voltage
VOH
TRI-STATE
TRI-STATE
Output low voltage
VOL
IOL = 24 mA
IOL = 12 mA
0.4
V
Input TRI-STATE leakage current
IOZ
VIN = VDD
VIN = VSS
VIN = VDD
VIN = VSS
50
-50
µA
µA
Device
Under
Test
0.1 uf
Input
Output
RL
CL
S1
VDD
• C
L = 100 pF, includes jig and scope capacitance.
• S
1 = Open for push-pull output signals.
S1 = VDD for high impedance to active low and
active low to high impedance measurements.
S1 = GND for high impedance to active high and
active high to high impedance measurements.
RL = 1.0 K¾ for uP interface pins.
• For the FDC open drive interface pins, S
1 = VDD
and RL = 150¾.
• For 3V operation, it is recommended to connect
all reset strap pins to CMOS input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com