Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 218 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 218 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 213Page - National Semiconductor (TI) PC97338 Datasheet HTML 214Page - National Semiconductor (TI) PC97338 Datasheet HTML 215Page - National Semiconductor (TI) PC97338 Datasheet HTML 216Page - National Semiconductor (TI) PC97338 Datasheet HTML 217Page - National Semiconductor (TI) PC97338 Datasheet HTML 218Page - National Semiconductor (TI) PC97338 Datasheet HTML 219Page - National Semiconductor (TI) PC97338 Datasheet HTML 220Page - National Semiconductor (TI) PC97338 Datasheet HTML 221Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 218 / 221 page
background image
218
www.national.com
FAR
The Function Address configuration Register.
FBAH
The register that holds the High byte of the
Base Address of the Floppy Disc Controller
(FDC).
FBAL
The register that holds the Low byte of the
Base Address of the Floppy Disk Controller
(FDC).
FCR
The Function Control configuration Register or
the FIFO Control Register for SCCs.
FDC
Floppy Disk Controller.
FER
The Function Enable configuration Register.
FIFO
Data register (FIFO queue) of the Floppy Disk
Controller (FDC)
IER
The Interrupt Enable Register for the SCCs.
Index
The Index register is a pointer that is used to
address other registers.
IR
Infrared.
IRCFG1, IRCFG3 and IRCFG4
Infrared module Configuration registers for the
SCC2.
IRCR1, IRCR2 and IRCR3
Infrared Module Control Registers 1, 2 and 3
for the SCC2.
IrDA
Infrared Data Association.
IrDA mode
In this mode, the Chip provides the Infrared
Data Association standard compliant inter-
face.
IRQ
Interrupt Request.
IRRXDC
Infrared Receiver Demodulator Control regis-
ter for the SCC2.
IRTXMC
Infrared Transmitter Modulator Control register
for the SCC2.
ISA
Industry Standard Architecture.
LBGD(H) and LBGD(L)
Legacy Baud rate Generator Divisor port
(High and Low bytes) for the SCC2.
LCR
Line Control Register for SCCs.
Legacy
A colloquial description usually referring to
older devices or systems that are not Plug and
Play compatible.
Legacy mode
In this mode, the interrupts and the base ad-
dresses of the FDC, SCC1, SCC2 and the
parallel port of the Chip are configured as in
earlier SuperI/O chips. This mode is config-
ured via bit 3 of Plug and Play configuration
register 0 (PNP0).
LFSR
The Linear Feedback Shift Register. In Plug
and Play mode, this register is used to pre-
pare the chip for operation in Plug and Play
(PnP) mode.
LSR
Line Status Register for SCCs.
MCR
Modem Control Register for SCCs.
MRID
Module Revision ID register for the SCC2.
MSR
Main Status Register of the Floppy Disk Con-
troller (FDC) or Modem Status Register for
SCCs.
Non-Extended UART Operation Modes
These UART operation modes support only
UART operations that are standard for 15450
or 16550A devices.
PBAH
The register that holds the High byte of the
Base Address of the Parallel port.
PBAL
The register that holds the Low byte of the
Base Address of the Parallel port.
PCR
The Parallel port Control configuration Regis-
ter.
Plug and Play (PnP)
A design philosophy and a set of specifica-
tions that describe hardware and software
changes to the PC and its peripherals that au-
tomatically identify and arbitrate resource re-
quirements among all devices and buses on
the system.
PMC
The Power Management Control configuration
register.
PnP
Plug and Play.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com