Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 11 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 7Page - STMicroelectronics A6984 Datasheet HTML 8Page - STMicroelectronics A6984 Datasheet HTML 9Page - STMicroelectronics A6984 Datasheet HTML 10Page - STMicroelectronics A6984 Datasheet HTML 11Page - STMicroelectronics A6984 Datasheet HTML 12Page - STMicroelectronics A6984 Datasheet HTML 13Page - STMicroelectronics A6984 Datasheet HTML 14Page - STMicroelectronics A6984 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
DocID030396 Rev 1
11/47
A6984
Device description
47
4
Device description
The A6984 device is based on a “Constant On-Time” (COT) control scheme with frequency
feed-forward correction over the VIN range. As a consequence the device features fast load
transient response, almost constant switching frequency operation over the input voltage
range and simple stability control.
The switching frequency can be adjusted in the 250 kHz - 600 kHz range.
The LNM (low noise mode) implements constant PWM control to minimize the voltage ripple
over the load range, the LCM (low consumption mode) pulse skipping technique to increase
the efficiency at the light load.
No external resistor divider is required to regulate fixed 3.3 V output voltage, connecting FB
to the VCC pin and VBIAS to the regulated output voltage (see Figure 1 on page 1). An
external voltage divider implements the output voltage adjustability.
The switchover capability of the internal regulator derives a portion of the quiescent current
from an external voltage source (VBIAS pin is typically connected to the regulated output
voltage) to maximize the efficiency at the light load.
The device main internal blocks are shown in the block diagram in Figure 6 on page 15:
The bandgap reference voltage
The on-time controller
A “pulse width modulation” (PWM) comparator and the driving circuitry of the
embedded power elements
The SMPS controller block
The soft-start block to ramp the current limitation
The switchover capability of the internal regulator to supply a portion of the quiescent
current when the VBIAS pin is connected to an external output voltage
The current limitation circuit to implement the constant current protection, sensing
pulse-by-pulse low-side switch current.
A circuit to implement the thermal protection function
LNM pin strapping sets the LNM/LCM mode
The PG (“Power Good”) open collector output
The thermal protection circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com