Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 28 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 24Page - STMicroelectronics A6984 Datasheet HTML 25Page - STMicroelectronics A6984 Datasheet HTML 26Page - STMicroelectronics A6984 Datasheet HTML 27Page - STMicroelectronics A6984 Datasheet HTML 28Page - STMicroelectronics A6984 Datasheet HTML 29Page - STMicroelectronics A6984 Datasheet HTML 30Page - STMicroelectronics A6984 Datasheet HTML 31Page - STMicroelectronics A6984 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Device description
A6984
28/47
DocID030396 Rev 1
4.5.1
Low noise mode (LNM)
Low noise mode implements a forced PWM operation over the different loading conditions.
The LNM features a constant switching frequency to minimize the noise in the final
application and a constant voltage ripple at fixed VIN. The regulator in steady loading
condition never skips pulses and it operates in continuous conduction mode (CCM) over the
different loading conditions.
Figure 19. Low noise mode operation
Typical applications for LNM operation are car audio and sensors.
4.5.2
Low consumption mode (LCM)
The low consumption mode maximizes the efficiency at the light load. As soon as the output
voltage drops, the regulator generates a pulse to have the FB back in regulation. In order to
minimize the current consumption in the LCM part of the internal circuitry is disabled in the
time between bursts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com