Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 20 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 16Page - STMicroelectronics A6984 Datasheet HTML 17Page - STMicroelectronics A6984 Datasheet HTML 18Page - STMicroelectronics A6984 Datasheet HTML 19Page - STMicroelectronics A6984 Datasheet HTML 20Page - STMicroelectronics A6984 Datasheet HTML 21Page - STMicroelectronics A6984 Datasheet HTML 22Page - STMicroelectronics A6984 Datasheet HTML 23Page - STMicroelectronics A6984 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Device description
A6984
20/47
DocID030396 Rev 1
Figure 12. Example to select RTON, CTON for VOUT = 5 V
Figure 13. Example to select RTON, CTON for VOUT = 12 V
4.3
Optional virtual ESR network
A standard COT loop requires a high ESR output capacitor to generate a proper PWM
signal.
The A6984 architecture naturally supports output ceramic capacitors with the negligible
ESR generating an internal voltage ramp proportional to the inductor current to emulate
a high ESR output capacitor for the proper PWM comparator operation.
The control scheme is designed to guarantee the minimum signal for the PWM comparator
cycle-by-cycle operation with controlled duty cycle jitter, that is a natural duty cycle dithering
that helps to reduce the switching noise emission for EMC.
If required, an optional external virtual ESR network (see Figure 14 can be designed to
generate a higher signal for the PWM comparator operation and remove the duty cycle
dithering. This network requires the external voltage divider to set the output voltage and
supports the LNM and LCM device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com