Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 16 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 12Page - STMicroelectronics A6984 Datasheet HTML 13Page - STMicroelectronics A6984 Datasheet HTML 14Page - STMicroelectronics A6984 Datasheet HTML 15Page - STMicroelectronics A6984 Datasheet HTML 16Page - STMicroelectronics A6984 Datasheet HTML 17Page - STMicroelectronics A6984 Datasheet HTML 18Page - STMicroelectronics A6984 Datasheet HTML 19Page - STMicroelectronics A6984 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Device description
A6984
16/47
DocID030396 Rev 1
4.2
Control loop
The A6984 device is based on a constant on-time control loop with frequency feed-forward
correction over the input voltage range. As a consequence the on-time generator
compensates the input voltage variations in order to adapt the duty cycle and so keeping the
switching frequency almost constant over the input voltage range.
The general constraint for converters based on the COT architecture is the selection of the
output capacitor with an ESR high enough to guarantee a proper output voltage ripple for
the noiseless operation of the internal PWM comparator. The A6984 innovative control loop
otherwise supports the output ceramic capacitors with the negligible ESR.
The device generates a TON duration switching pulse as soon as the voltage ripple drops
below the valley voltage threshold.
The A6984 on-time is internally generated as shown in Figure 7.
Figure 7. TON generator
where RTON represents the external resistor connected between the VIN and TON pins, CINT
is the integrated capacitor, CPAR the pin parasitic capacitor of the board trace at the pin 3.
The overall contribution of the CPAR and CINT for the A6984 device soldered on the
STMicroelectronics evaluation board is 7.5 pF typical but the precise value depends on the
parasitic capacitance connected at the pin 3 (TON) that may depend on the implemented
board layouts.
As a consequence, a further fine tune of the RTON value with the direct scope measurement
is required for precise fSW adjustment accordingly with the designed board layout.
The ON time can be calculated as:
Equation 6
The natural feedforward of the generator in Figure 7 corrects the fixed TON time with the
input voltage to achieve almost constant switching frequency over the input voltage range.
On the other hand, the PWM comparator (see Figure 3 on page 12) in the closed loop
operation modulates the TOFF time, given the programmed TON, to compensate conversion
losses (i.e. conduction, switching, inductor losses, etc.) that are proportional to the output
current.
T
ON
0.9 R
TON
C
TON

V
IN
-----------------------------------------------
0.9 R
TON
C
INT
C
PAR
+


V
IN
-----------------------------------------------------------------------
=
0.9 R
TON
7.5pF

V
IN
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com