Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 33 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 29Page - STMicroelectronics A6984 Datasheet HTML 30Page - STMicroelectronics A6984 Datasheet HTML 31Page - STMicroelectronics A6984 Datasheet HTML 32Page - STMicroelectronics A6984 Datasheet HTML 33Page - STMicroelectronics A6984 Datasheet HTML 34Page - STMicroelectronics A6984 Datasheet HTML 35Page - STMicroelectronics A6984 Datasheet HTML 36Page - STMicroelectronics A6984 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
DocID030396 Rev 1
33/47
A6984
Device description
47
4.8
PGOOD
The internal circuitry monitors the regulated output voltage and keeps the PGOOD open
collector output in low impedance as long as the feedback voltage is below the VPGD L
threshold (see Table 5 on page 7).
Figure 26. PGOOD behavior during soft-start time with electronic load
The PGOOD is driven low impedance if VFB = VCC (internal voltage divider, see Section 4.1
on page 13) and VBIAS > VPGD H threshold (see Table 5).
The VPGD H threshold has no effect on PGOOD behavior in case the external voltage divider
is being used.
4.9
Overvoltage protection
The overvoltage protection monitors the FB pin and enables the low-side MOSFET to
discharge the output capacitor if the output voltage is 20% over the nominal value. A new
soft-start takes place after the OVP event ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com