Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 23 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 19Page - STMicroelectronics A6984 Datasheet HTML 20Page - STMicroelectronics A6984 Datasheet HTML 21Page - STMicroelectronics A6984 Datasheet HTML 22Page - STMicroelectronics A6984 Datasheet HTML 23Page - STMicroelectronics A6984 Datasheet HTML 24Page - STMicroelectronics A6984 Datasheet HTML 25Page - STMicroelectronics A6984 Datasheet HTML 26Page - STMicroelectronics A6984 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
DocID030396 Rev 1
23/47
A6984
Device description
47
As a consequence, the injected triangular voltage ripple in the FB is:
Equation 15
that does not depend on the R2, R3, CDC, L and DCR.
A virtual ESR network able to guarantee a peak-to-peak signal higher than 20 mV at the FB
pin removes any duty cycle dithering at the switching node.
Output voltage accuracy and optimized resistor divider
The constant on-time control scheme implements valley output voltage regulation: the
internal comparator monitors the FB voltage cycle-by-cycle and generates a fixed TON pulse
if the sensed voltage drops below the internal voltage reference (VEAFB = 0.9 V typical).
The virtual ESR network generates a signal proportional to the inductor current that is AC
coupled to the FB pin through the CDC capacitor (refer to Section 4.3 for dimensioning rules)
and superimposed on the voltage divider contribution as shown in Figure 16.
VFB
RIPPLE VIN

IL
RIPPLE
ESR
VRT
V
IN
V
OUT
–
R
COT
C
COT
----------------------------------
V
OUT
V
IN
--------------
1
fsw
---------

==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com