Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 36 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 32Page - STMicroelectronics A6984 Datasheet HTML 33Page - STMicroelectronics A6984 Datasheet HTML 34Page - STMicroelectronics A6984 Datasheet HTML 35Page - STMicroelectronics A6984 Datasheet HTML 36Page - STMicroelectronics A6984 Datasheet HTML 37Page - STMicroelectronics A6984 Datasheet HTML 38Page - STMicroelectronics A6984 Datasheet HTML 39Page - STMicroelectronics A6984 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Design of the power components
A6984
36/47
DocID030396 Rev 1
Considering
this function has its maximum in D = 0.5:
Equation 30
Typically CIN is dimensioned to keep the maximum peak-to-peak voltage across the input
filter in the order of 5% VIN_MAX.
5.2
Inductor selection
The inductor current ripple flowing into the output capacitor determines the output voltage
ripple (please refer to Section 5.3: Output capacitor selection). Usually the inductor value is
selected in order to keep the current ripple lower than 20% - 40% of the output current over
the input voltage range. The inductance value can be calculated by the following equation:
Equation 31
Where TON and TOFF are the on and off time of the internal power switch. The maximum
current ripple, at fixed VOUT, is obtained at maximum TOFF that is at minimum duty cycle
(see Section 5.1 to calculate minimum duty). So fixing
I
L = 20% to 40% of the maximum
output current, the minimum inductance value can be calculated:
Equation 32
where FSW is the switching frequency 1/(TON + TOFF).
For example for VOUT = 3.3 V, VIN = 12 V, IO = 0.4 A and FSW = 600 kHz the minimum
inductance value to have
I
L = 30% of IO is about 33 µH.
The peak current through the inductor is given by:
Equation 33
So if the inductor value decreases, the peak current (that has to be lower than the current
limit of the device) increases. The higher is the inductor value, the higher is the average
output current that can be delivered, without reaching the current limit.
Table 6. Input capacitors
Manufacture
Series
Size
Cap value (
F) Rated voltage (V)
TDK
C3225X7S1H106M
1210
10
50
C3216X5R1H106M
1206
Taiyo Yuden
UMK325BJ106MM-T
1210
C
IN_MIN
I
O
2V
PP_MAX
f
SW
----------------------------------------------
=
I
L
V
IN
V
OUT
–
L
------------------------------ TON
V
OUT
L
-------------- TOFF
==
L
MIN
V
OUT
I
MAX
----------------
1D
MIN
–
F
SW
-----------------------
=
I
LPK
I
O
I
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com